Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHRF9UG3993-PF Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LHRF9UG3993-PF
Description  DUAL COLOR TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRF9UG3993-PF Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LHRF9UG3993-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHRF9UG3993-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRF9UG3993-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRF9UG3993-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRF9UG3993-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRF9UG3993-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRF9UG3993-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1.0
Ambient Temperature(
)
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
-40
0.8
0.9
-20
-0
20
40
0.5
100
80
600
0
-20
-40
20
40
100
60
80
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Intensity vs. Forward Current
100
Forward Current(mA)
Fig.4 Relative Intensity vs. Temperature
3.0
Forward Voltage(V)
Fig.3 Forward Voltage vs. Temperature
1.0
1.1
1.2
1.0
1.0
0.1
10
100
1.5
2.0
3.0
2.0
1.5
2.5
2.5
2.0
1.5
1.0
0.5
0
2.5
3.0
10
1.0
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
HRF CHIP
1000
3.5
1000
650
700
550
600
Wavelength (nm)
1.0
0.5
0
Page 3/6
PART NO. LHRF9UG3993-PF


Similar Part No. - LHRF9UG3993-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRF9UG3362-PF LIGITEK-LHRF9UG3362-PF Datasheet
125Kb / 7P
   BIPOLAR TYPE LED LAMPS
LHRF9UG3392-P1-PF-TBS-8 LIGITEK-LHRF9UG3392-P1-PF-TBS-8 Datasheet
150Kb / 8P
   DURL COLOR LED LAMPS
LHRF9UG3392-PF LIGITEK-LHRF9UG3392-PF Datasheet
126Kb / 7P
   DURL COLOR LED LAMPS
LHRF9UG3392-R1-PF LIGITEK-LHRF9UG3392-R1-PF Datasheet
217Kb / 10P
   DURL COLOR LED LAMPS
LHRF9UG3393-PF LIGITEK-LHRF9UG3393-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
More results

Similar Description - LHRF9UG3993-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRFUG3992-A-PF LIGITEK-LHRFUG3992-A-PF Datasheet
164Kb / 8P
   DUAL COLOR TYPE LED LAMPS
LHY2092-R1 LIGITEK-LHY2092-R1 Datasheet
124Kb / 6P
   DUAL COLOR TYPE LED LAMPS
LHRFSBKS42293-PF LIGITEK-LHRFSBKS42293-PF Datasheet
122Kb / 7P
   DUAL COLOR TYPE LED LAMPS
LHY2092-S94-PF LIGITEK-LHY2092-S94-PF Datasheet
147Kb / 7P
   DUAL COLOR TYPE LED LAMPS
LHRFSBKS2093 LIGITEK-LHRFSBKS2093 Datasheet
123Kb / 6P
   DUAL COLOR TYPE LED LAMPS
logo
Rohm
SPR-39 ROHM-SPR-39 Datasheet
121Kb / 3P
   Dual-Color Type 3.1 Circular Type LED Lamps
SPR-54 ROHM-SPR-54 Datasheet
107Kb / 3P
   Dual-Color Type 5.0 Circular Type LED Lamps
logo
LIGITEK electronics co....
LHRF9UG2692-R12-PF LIGITEK-LHRF9UG2692-R12-PF Datasheet
149Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG23092-P1 LIGITEK-LHRF9UG23092-P1 Datasheet
88Kb / 6P
   DUAL COLOR LED LAMPS
LHRF9UG42292-R1-PF LIGITEK-LHRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com