Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCN11107 Datasheet(PDF) 2 Page - Cree, Inc

Part # FCN11107
Description  Leila series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FCN11107 Datasheet(HTML) 2 Page - Cree, Inc

  FCN11107 Datasheet HTML 1Page - Cree, Inc FCN11107 Datasheet HTML 2Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.


Similar Part No. - FCN11107

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCN11102 LEDIL-FCN11102 Datasheet
1Mb / 4P
   ~10째 x 40째 oval beam optimized for Seoul P4. 14.65 mm high assembly
logo
Cree, Inc
FCN11103 CREE-FCN11103 Datasheet
79Kb / 2P
   Leila series
logo
Ledil, Inc.
FCN11104 LEDIL-FCN11104 Datasheet
4Mb / 4P
   ~10째 x 40째 oval beam optimized for CREE XR-E. 16.5 mm high assembly.
FCN11106 LEDIL-FCN11106 Datasheet
1Mb / 4P
   ~10째 x 40째 oval beam optimized for LUXEON Rebel. 14.3 mm high assembly
More results

Similar Description - FCN11107

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN11456 CREE-FCN11456 Datasheet
67Kb / 2P
   Leila series
CA11483 CREE-CA11483 Datasheet
1Mb / 23P
   Leila series
FCN10786 CREE-FCN10786 Datasheet
250Kb / 3P
   Leila series
FA10661 CREE-FA10661 Datasheet
423Kb / 9P
   Leila series
FA10660 CREE-FA10660 Datasheet
816Kb / 13P
   Leila series
C13353 CREE-C13353 Datasheet
2Mb / 42P
   Leila series
CA12844 CREE-CA12844 Datasheet
245Kb / 5P
   Leila series
CP12583 CREE-CP12583 Datasheet
229Kb / 4P
   Leila series
CA12665 CREE-CA12665 Datasheet
232Kb / 5P
   Leila series
FA10663 CREE-FA10663 Datasheet
540Kb / 9P
   Leila series
FA10695 CREE-FA10695 Datasheet
270Kb / 3P
   Leila series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com