Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0-1377175-8 Datasheet(PDF) 10 Page - TE Connectivity Ltd

Part # 0-1377175-8
Description  Pre-Insulated Diamond Grip
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

0-1377175-8 Datasheet(HTML) 10 Page - TE Connectivity Ltd

Back Button 0-1377175-8 Datasheet HTML 6Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 7Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 8Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 9Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 10Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 11Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 12Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 13Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 14Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Short Spring Spade Tongue Terminals
PIDG
Pre-Insulated Diamond Grip
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-10
Material and Finish
Insulation:
Nylon acc. UL 94 V-2
Terminal Body:
Phosphor Bronze per ASTM B-139
Metallic Sleeve:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545
L
X
W
C
E
4
.203
.219
.550
.695
.140
.082
52922
52922-1
26–22
.020
5.16
5.56
13.97 17.65
3.56
2.08
(0.10–0.41)
0.51
8
.375
.281
.612
.787
.170
.082
52925
52925-1
M4
9.53
7.14
15.54 19.99
4.32
2.08
4
.203
.250
.654
.799
.140
.125
52927
52927-1
5.16
6.35
16.61 20.29
3.56
3.18
5
.250
.250
.654
.799
.140
.125
52928
52928-1
M3
6.35
6.35
16.61 20.29
3.56
3.18
6
.250
.250
.654
.799
.140
.125
52929
M3.5
6.35
6.35
16.61 20.29
3.56
3.18
22–16
.033
.244
.281
.725
.895
.170
.140
55768-1
(0.26–1.65)
0.84
6.20
7.14
18.42 22.73
4.32
3.56
8
.375
.281
.685
.860
.170
.125
52930
52930-1
M4
9.53
7.14
17.40 21.84
4.32
3.18
.375
.281
.685
.860
.170
.140
52930-3
9.53
7.14
17.40 21.84
4.32
3.56
10
.406
.281
.685
.908
.218
.125
52931
10.31
7.14
17.40 23.06
5.54
3.18
5
.250
.250
.654
.799
.140
.170
52934
52934-1
M3
6.35
6.35
16.61 20.29
3.56
4.32
.250
.250
.654
.799
.140
.170
52935
52935-1
6
6.35
6.35
16.61 20.29
3.56
4.32
M3.5
.250
.250
.654
.799
.140
.182
-52935-2
52935-3
6.35
6.35
16.61 20.29
3.56
4.62
.375
.281
.685
.860
.170
.170
52936-1
16–14
.033
8
9.53
7.14
17.40 21.84
4.32
4.32
(1.04–2.62)
0.84
M4
.375
.281
.685
.860
.170
.182
52936-3
9.53
7.14
17.40 21.84
4.32
4.62
.406
.281
.685
.908
.218
.170
52937
52937-1
10
10.31
7.14
17.40 23.06
5.54
4.32
.406
.281
.685
.908
.218
.182
-
52937-2
52937-3
10.31
7.14
17.40 23.06
5.54
4.62
1/4
.625
.343
.747
1.033
.281
.170
52939
M6
15.88
8.71
18.97 26.24
7.14
4.32
8
.375
.276
.877
1.052
.170
.250
52942
12–10
.042
M4
9.53
7.01
22.28 26.72
4.32
6.35
(2.62–6.64)
1.07
1/4
.625
.338
.939
1.225
.281
.250
52945
M6
15.88
8.59
23.85 31.12
7.14
6.35
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Wire Size
AWG
(mm2)
Terminal
Insu-
lation
Color
Wire
Insulation
Diameter
Max.
Tongue
Material
Thickness
Max.
Stud
Size
Dimensions
WC
E
L
X
Min.
Max.
Max.
Part Numbers
Loose
Tape
Piece
Mounted


Similar Part No. - 0-1377175-8

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
0-13.0-JT21CT-A-K-1.8 JAUCH-0-13.0-JT21CT-A-K-1.8 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-K-2.5 JAUCH-0-13.0-JT21CT-A-K-2.5 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-K-3.0 JAUCH-0-13.0-JT21CT-A-K-3.0 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-K-3.3 JAUCH-0-13.0-JT21CT-A-K-3.3 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-P-1.8 JAUCH-0-13.0-JT21CT-A-P-1.8 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
More results

Similar Description - 0-1377175-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
33461 MACOM-33461 Datasheet
662Kb / 60P
   SOLISTRAND, Budget and DIAMOND GRIP
logo
Rosenberger Hochfrequen...
SLHG001-C01 ROSENBERGER-SLHG001-C01 Datasheet
99Kb / 1P
   Pre-laced hoisting grip
logo
TE Connectivity Ltd
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
   Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
logo
Tyco Electronics
31161 MACOM-31161 Datasheet
40Kb / 1P
   TERMINAL, RING, DIAMOND GRIP, WIRE SIZE, 22-16 AWG
logo
List of Unclassifed Man...
18RA-6 ETC2-18RA-6 Datasheet
60Kb / 1P
   Vinyl Insulated Ring . Insulation Grip
logo
Tyco Electronics
34101 MACOM-34101 Datasheet
40Kb / 1P
   WIRE TERMINAL DIAMOND GRIP SLOTTED RING TONGUE WIRE SIZE:22-16
logo
IDEAL-TEK SA
2.SA.DC.0 IDEAL-TEK-2.SA.DC.0 Datasheet
523Kb / 1P
   High Precision - Diamond Tip Tweezers
2A.SA.DC.0 IDEAL-TEK-2A.SA.DC.0 Datasheet
522Kb / 1P
   High Precision - Diamond Tip Tweezers
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
   Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
   Diamond coated Tweezers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com