Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45CKQ100 Datasheet(PDF) 1 Page - Seme LAB

Part # 45CKQ100
Description  DUAL SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

45CKQ100 Datasheet(HTML) 1 Page - Seme LAB

  45CKQ100 Datasheet HTML 1Page - Seme LAB 45CKQ100 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
45CKQ100
Document Number 5612
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VRRM
DC Reverse Voltage
VRSM
Peak Non-Repetitive Reverse Voltage
VR
Continuous Reverse Voltage
IF(AV)
Maximum Average Forward Current
IFSM
Peak Non-Repetitive Surge Current at 50Hz (per leg)
TSTG
Storage Temperature Range
TJ
Maximum Operating Junction Temperature
100V
100V
100V
45A*
400A
-55°C to 150°C
-55°C to 150°C
MECHANICAL DATA
Dimensions in mm
12
3
17.65 (0.695)
17.39 (0.685)
4.19 (0.165)
3.94 (0.155)
Dia.
1.65 (0.065)
1.39 (0.055)
Typ.
5.08 (0.200)
BSC
3.56 (0.140)
BSC
1.14 (0.707)
0.88 (0.035)
6.86 (0.270)
6.09 (0.240)
DUAL SCHOTTKY
BARRIER DIODE
IN TO-258 HERMETIC METAL
PACKAGE FOR HI–REL
APPLICATIONS
FEATURES
• SCREENING OPTIONS AVAILABLE
• OUTPUT CURRENT 45A
•LOW VF
• LOW LEAKAGE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
1
3
2
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Common Cathode
1 = A1 Anode 1
2 = K Cathode
3 = A2 Anode 2
* IF(AV) current is limited by pin diameter
TO–258 Package Outline.
Dimensions in mm (inches)


Similar Part No. - 45CKQ100

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
45CKQ100 NJSEMI-45CKQ100 Datasheet
96Kb / 1P
   Schottky Rectfier
45CKQ100 NJSEMI-45CKQ100 Datasheet
49Kb / 1P
   bchottky Rectifier High Reliability
logo
International Rectifier
45CKQ100 IRF-45CKQ100 Datasheet
305Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
45CKQ100 IRF-45CKQ100 Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
45CKQ100 IRF-45CKQ100_15 Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 45CKQ100

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
5082-2279 ASI-5082-2279 Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DUAL DIODE
logo
Nexperia B.V. All right...
1PS70SB14 NEXPERIA-1PS70SB14 Datasheet
3Mb / 9P
   Dual Schottky barrier diode
17 December 2012
1PS70SB15 NEXPERIA-1PS70SB15 Datasheet
1Mb / 9P
   Dual Schottky barrier diode
17 December 2012
logo
Advanced Semiconductor
5082-2271 ASI-5082-2271 Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DUAL DIODE
logo
NXP Semiconductors
1PS70SB14_15 PHILIPS-1PS70SB14_15_15 Datasheet
166Kb / 9P
   Dual Schottky barrier diode
17 December 2012
1PS70SB15_15 PHILIPS-1PS70SB15_15_15 Datasheet
165Kb / 9P
   Dual Schottky barrier diode
17 December 2012
logo
Leshan Radio Company
MMBD352WT1 LRC-MMBD352WT1 Datasheet
48Kb / 2P
   Dual Schottky Barrier Diode
logo
ON Semiconductor
MMBD352WT1 ONSEMI-MMBD352WT1_05 Datasheet
43Kb / 4P
   Dual Schottky Barrier Diode
April, 2005 ??Rev. 3
logo
Advanced Semiconductor
5082-2830 ASI-5082-2830 Datasheet
16Kb / 1P
   SCHOTTKY BARRIER DUAL DIODE
logo
ON Semiconductor
MMBD352WT1G ONSEMI-MMBD352WT1G Datasheet
127Kb / 3P
   Dual Schottky Barrier Diode
November, 2011 ??Rev. 5
logo
Seme LAB
SB30-45MSMD SEME-LAB-SB30-45MSMD Datasheet
24Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com