Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C18VLFH Datasheet(PDF) 2 Page - Rohm

Part # BZX84C18VLFH
Description  Zener Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BZX84C18VLFH Datasheet(HTML) 2 Page - Rohm

  BZX84C18VLFH Datasheet HTML 1Page - Rohm BZX84C18VLFH Datasheet HTML 2Page - Rohm BZX84C18VLFH Datasheet HTML 3Page - Rohm BZX84C18VLFH Datasheet HTML 4Page - Rohm BZX84C18VLFH Datasheet HTML 5Page - Rohm BZX84C18VLFH Datasheet HTML 6Page - Rohm BZX84C18VLFH Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Data sheet
BZX84C2V4LFH
2.20
2.60
5.0
50
1.0
100
5.0
-3.0
0.0
5.0
BZX84C2V7LFH
2.50
2.90
5.0
20
1.0
100
5.0
-3.0
0.0
5.0
BZX84C3V0LFH
2.80
3.20
5.0
10
1.0
95
5.0
-3.0
0.0
5.0
BZX84C3V3LFH
3.10
3.50
5.0
5.0
1.0
95
5.0
-3.0
0.0
5.0
BZX84C3V6LFH
3.40
3.80
5.0
5.0
1.0
90
5.0
-3.0
0.0
5.0
BZX84C3V9LFH
3.70
4.10
5.0
3.0
1.0
90
5.0
-3.0
0.0
5.0
BZX84C4V3LFH
4.00
4.60
5.0
3.0
1.0
90
5.0
-3.0
0.0
5.0
BZX84C4V7LFH
4.40
5.00
5.0
3.0
2.0
80
5.0
-2.5
1.1
5.0
BZX84C5V1LFH
4.80
5.40
5.0
2.0
2.0
60
5.0
-1.5
2.6
5.0
BZX84C5V6LFH
5.20
6.00
5.0
1.0
2.0
40
5.0
-1.0
3.1
5.0
BZX84C6V2LFH
5.80
6.60
5.0
3.0
4.0
10
5.0
0.9
3.8
5.0
BZX84C6V8LFH
6.40
7.20
5.0
2.0
4.0
15
5.0
1.5
4.5
5.0
BZX84C7V5LFH
7.00
7.90
5.0
1.0
5.0
15
5.0
2.2
5.0
5.0
BZX84C8V2LFH
7.70
8.70
5.0
0.7
5.0
15
5.0
3.2
6.1
5.0
BZX84C9V1LFH
8.50
9.60
5.0
0.5
6.0
15
5.0
3.9
6.9
5.0
BZX84C10VLFH
9.40
10.60
5.0
0.2
7.0
20
5.0
5.0
8.0
5.0
BZX84C11VLFH
10.40
11.60
5.0
0.1
8.0
20
5.0
5.8
8.8
5.0
BZX84C12VLFH
11.40
12.70
5.0
0.1
8.0
25
5.0
6.8
9.8
5.0
BZX84C13VLFH
12.40
14.10
5.0
0.1
8.0
30
5.0
7.9
11.0
5.0
BZX84C15VLFH
13.80
15.60
5.0
0.1
10
30
5.0
9.4
12.6
5.0
BZX84C16VLFH
15.30
17.10
5.0
0.1
11
40
5.0
11.0
14.3
5.0
BZX84C18VLFH
16.80
19.10
5.0
0.1
13
45
5.0
12.6
15.8
5.0
BZX84C20VLFH
18.80
21.20
5.0
0.1
14
55
5.0
14.3
17.3
5.0
BZX84C22VLFH
20.80
23.30
5.0
0.1
15
55
5.0
15.8
19.3
5.0
BZX84C24VLFH
22.80
25.60
5.0
0.1
17
70
5.0
17.3
22.6
5.0
BZX84C27VLFH
25.10
28.90
2.0
0.1
19
80
2.0
19.3
25.8
2.0
BZX84C30VLFH
28.00
32.00
2.0
0.1
21
80
2.0
22.6
28.5
2.0
BZX84C33VLFH
31.00
35.00
2.0
0.1
23
80
2.0
25.8
31.1
2.0
BZX84C36VLFH
34.00
38.00
2.0
0.1
25
90
2.0
28.5
34.0
2.0
BZX84C2V4LFH
D3C
BZX84C10VLFH
D3T
BZX84C2V7LFH
D3D
BZX84C11VLFH
D3U
BZX84C3V0LFH
D3E
BZX84C12VLFH
D3V
BZX84C3V3LFH
D3F
BZX84C13VLFH
D3W
BZX84C3V6LFH
D3G
BZX84C15VLFH
D3X
BZX84C3V9LFH
D3H
BZX84C16VLFH
D3Y
BZX84C4V3LFH
D3J
BZX84C18VLFH
D3Z
BZX84C4V7LFH
D3K
BZX84C20VLFH
D5A
BZX84C5V1LFH
D3L
BZX84C22VLFH
D5B
BZX84C5V6LFH
D3M
BZX84C24VLFH
D5C
BZX84C6V2LFH
D3N
BZX84C27VLFH
D5D
BZX84C6V8LFH
D3P
BZX84C30VLFH
D5E
BZX84C7V5LFH
D3Q
BZX84C33VLFH
D5F
BZX84C8V2LFH
D3R
BZX84C36VLFH
D5G
BZX84C9V1LFH
D3S
-
MAX.
VR(V)
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
P/N
2/3
2016/5/31_Rev.001
Marking
P/N
Marking
●Marking
MAX.
BZX84C9V1LFH
●Electrical Characteristic (T
a = 25ºC)
P/N
Symbol
Zener Voltage:VZ(V)
Reverse Current
:IR(μA)
Zener Impedance
:ZZK(Ω)
Temperature Coefficient
:γ
Z(mV/℃)
Tol. approx. ±5%
Iz(mA)
MIN.
MAX.
Iz(mA)
MIN.
MAX.
Iz(mA)


Similar Part No. - BZX84C18VLFH

ManufacturerPart #DatasheetDescription
logo
Rohm
BZX84C18VLFH ROHM-BZX84C18VLFH Datasheet
990Kb / 7P
   Zener Diode
BZX84C18VLFH ROHM-BZX84C18VLFH Datasheet
991Kb / 7P
   Zener Diode
BZX84C18VLFH ROHM-BZX84C18VLFH Datasheet
991Kb / 7P
   Zener Diode
BZX84C18VLFH ROHM-BZX84C18VLFH Datasheet
988Kb / 7P
   Zener Diode
BZX84C18VLFH ROHM-BZX84C18VLFH Datasheet
991Kb / 7P
   Zener Diode
More results

Similar Description - BZX84C18VLFH

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com