Electronic Components Datasheet Search |
|
2SK3018W-SOT323 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
2SK3018W-SOT323 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
2 / 3 page 01 23 45 0.00 0.05 0.10 0.15 0.20 1 10 100 0 20 40 60 0 5 10 15 20 0 5 10 15 012 34 0.1 1 10 100 0.2 0.4 0.6 0.8 1.0 0.1 1 10 100 V GS =2.5V 4.0V 3.5V T a =25℃ Pulsed Output Characteristics V GS =3.0V V GS =2.0V V GS =1.5V DRAIN TO SOURCE VOLTAGE V DS (V) T a =25℃ Pulsed I D —— R DS(ON) V GS = 2.5V V GS = 4V DRAIN CURRENT I D (mA) 30 0.3 3 3 30 T a =25℃ Pulsed I D =100mA I D =50mA V GS —— R DS(ON) GATE TO SOURCE VOLTAGE V GS (V) 0.3 30 3 200 200 V DS =3V T a =25℃ Pulsed Transfer Characteristics 200 GATE TO SOURCE VOLTAGE V GS (V) V SD I S —— V GS =0V T a =25℃ Pulsed SOURCE TO DRAIN VOLTAGE V (V) 2SK3018W www.yfwdiode.com |
Similar Part No. - 2SK3018W-SOT323 |
|
Similar Description - 2SK3018W-SOT323 |