Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16C2850IJ Datasheet(PDF) 8 Page - Exar Corporation

Part # XR16C2850IJ
Description  DUAL UART WITH 128-byte FIFO?셲 AND RS-485 HALF DUPLEX CONTROL
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16C2850IJ Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR16C2850IJ Datasheet HTML 4Page - Exar Corporation XR16C2850IJ Datasheet HTML 5Page - Exar Corporation XR16C2850IJ Datasheet HTML 6Page - Exar Corporation XR16C2850IJ Datasheet HTML 7Page - Exar Corporation XR16C2850IJ Datasheet HTML 8Page - Exar Corporation XR16C2850IJ Datasheet HTML 9Page - Exar Corporation XR16C2850IJ Datasheet HTML 10Page - Exar Corporation XR16C2850IJ Datasheet HTML 11Page - Exar Corporation XR16C2850IJ Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
XR16C2850
8
Rev. 1.00P
GENERAL DESCRIPTION
The XR16C2850 provides serial asynchronous re-
ceive data synchronization, parallel-to-serial and se-
rial-to-parallel data conversions for both the transmit-
ter and receiver sections. These functions are neces-
sary for converting the serial data stream into parallel
data that is required with digital data systems. Syn-
chronization for the serial data stream is accom-
plished by adding start and stops bits to the transmit
data to form a data character (character orientated
protocol). Data integrity is insured by attaching a parity
bit to the data character. The parity bit is checked by
the receiver for any transmission bit errors. The elec-
tronic circuitry to provide all these functions is fairly
complex especially when manufactured on a single
integrated silicon chip. The XR16C2850 represents
such an integration with greatly enhanced features.
The 2850 is fabricated with an advanced CMOS
process.
The 2850 is an upward solution that provides 128
bytes of transmit and receive FIFO memory, instead
of 16 bytes provided in the 16C2550. The 2850 is
designed to work with high speed modems and shared
network environments, that require fast data process-
ing time. Increased performance is realized in the
2850 by the larger transmit and receive FIFO. This
allows the external processor to handle more network-
ing tasks within a given time. For example, the
ST16C2550 with a 16 byte FIFO, unloads 16 bytes of
receive data in 1.53 ms (this example uses a character
length of 11 bits, including start/stop bits at
115.2Kbps). This means the external CPU will have to
service the receive FIFO at 1.53 ms intervals. How-
ever with the 128 byte FIFO in the 2850, the data
buffer will not require unloading/loading for 12.2 ms.
This increases the service interval giving the external
CPU additional time for other applications and reduc-
ing the overall UART interrupt servicing time. In
addition, the programmable levels of FIFO trigger
interrupt and automatic hardware/software flow con-
trol is uniquely provided for maximum data throughput
performance especially when operating in a multi-
channel environment. The combination of the above
greatly reduces the bandwidth requirement of the
external controlling CPU, increases performance, and
reduces power consumption.
The 2850 provides RS-485 half dulpex control signal
to select the external transceiver direction. Auto RS-
485 control pin (-RTS) is not activated after reset. To
activate the direction control function, user has to set
EFR Bit-4, and FCTR Bit-3 to “1”. The -RTS pin is
normally high for receive mode and it will go low when
transmitter starts transmitting data.
FUNCTIONAL DESCRIPTIONS
UART A-B Functions
The UART provides the user with the capability to Bi-
directionally transfer information between an external
CPU and an external serial communication device. A
logic 0 on chip select pins -CSA and/or -CSB allows
the user to configure, send data, and/or receive data
via UART channels A-B. Individual channel select
functions are shown in Table 2 below.
Table 2, SERIAL PORT SELECTION GUIDE
CHIP SELECT
Function
-CS A-B = 1s
None
-CS A = 0
UART CHANNEL A
-CS B = 0
UART CHANNEL B
Internal Registers
The 2850 provides 15 internal registers for monitoring
and control. These resisters are shown in Table 3.
Twelve registers are similar to those already available
in the standard 16C2550. These registers function as
data holding registers (THR/RHR), interrupt status
and control registers (IER/ISR), a FIFO control regis-
ter (FCR), line status and control registers, (LCR/
LSR), modem status and control registers (MCR/
MSR), programmable data rate (clock) control regis-
ters (DLL/DLM), and a user accessible scratchpad
register (SPR). Beyond the general 16C2550 features
and capabilities, the 2850 offers an enhanced feature
register set (EFR, Xon/Xoff 1-2) that provides on
board hardware/software flow control. Register func-
tions are more fully described in the following para-
graphs.


Similar Part No. - XR16C2850IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2850IJ EXAR-XR16C2850IJ Datasheet
891Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
XR16C2850IJ-F EXAR-XR16C2850IJ-F Datasheet
897Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
XR16C2850IJ44 EXAR-XR16C2850IJ44 Datasheet
611Kb / 43P
   3.3V AND 5V DUART WITH 128-BYTE FIFO
More results

Similar Description - XR16C2850IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C850 EXAR-XR16C850 Datasheet
331Kb / 55P
   UART with 128-byte FIFO?셲 FIFO Counters and Half-duplex Control
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550 EXAR-ST16C550_05 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
[Old version datasheet]   TL16C750E UART with 128-Byte FIFO
logo
Exar Corporation
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com