Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16C2850CM Datasheet(PDF) 3 Page - Exar Corporation

Part # XR16C2850CM
Description  DUAL UART WITH 128-byte FIFO?셲 AND RS-485 HALF DUPLEX CONTROL
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16C2850CM Datasheet(HTML) 3 Page - Exar Corporation

  XR16C2850CM Datasheet HTML 1Page - Exar Corporation XR16C2850CM Datasheet HTML 2Page - Exar Corporation XR16C2850CM Datasheet HTML 3Page - Exar Corporation XR16C2850CM Datasheet HTML 4Page - Exar Corporation XR16C2850CM Datasheet HTML 5Page - Exar Corporation XR16C2850CM Datasheet HTML 6Page - Exar Corporation XR16C2850CM Datasheet HTML 7Page - Exar Corporation XR16C2850CM Datasheet HTML 8Page - Exar Corporation XR16C2850CM Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
XR16C2850
3
Rev. 1.00P
Figure 2, Block Diagram
D0-D7
-IOR
-IOW
RESET
A0-A2
-CS A/B
-RSCTL
INT A/B
-RXRDY A/B
-TXRDY A/B
-DTR A/B
-RTS A/B
-CTS A/B
-RI A/B
-CD A/B
-DSR A/B
TX A/B
TXIR A/B
RX A/B
RXIR A/B
XTAL1
XTAL2
Modem
Control
Logic
Transmit
FIFO
Registers
Flow
Control
Logic
Transmit
Shift
Register
Receive
FIFO
Registers
Flow
Control
Logic
Receive
Shift
Register
Ir
Encoder
Ir
Decoder


Similar Part No. - XR16C2850CM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2850CM EXAR-XR16C2850CM Datasheet
891Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
XR16C2850CM-F EXAR-XR16C2850CM-F Datasheet
897Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
XR16C2850CM48 EXAR-XR16C2850CM48 Datasheet
611Kb / 43P
   3.3V AND 5V DUART WITH 128-BYTE FIFO
More results

Similar Description - XR16C2850CM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C850 EXAR-XR16C850 Datasheet
331Kb / 55P
   UART with 128-byte FIFO?셲 FIFO Counters and Half-duplex Control
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550 EXAR-ST16C550_05 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
[Old version datasheet]   TL16C750E UART with 128-Byte FIFO
logo
Exar Corporation
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com