Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR580 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SR580
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SR580 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SR580 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SR580 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
· High current capability
· High surge current capability
· Low forward voltage drop
free wheeling, and porlarlity protection applications
MECHANICAL DATA
Case: Molded plastic, DO-201AD
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.04ounce, 1.1gram
Maximum Ratings and Electrical Characteristics
Ratings at 25ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
Volts
Maximum RMS Voltage
VRMS
Volts
Maximum DC Blocking Voltage
VDC
Volts
Maximum Average Forward Rectified Current
375"(9.5mm) Lead Length
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage at 5.0A DC and 25℃
VF
Volts
Maximum Reverse Current
at TA=25℃
at Rated DC Blocking Voltage
TA=100℃
Typical Junction Capacitance (Note 1)
CJ
pF
Typical Thermal Resistance (Note 2)
RθJA
/W
Operating Junction Temperature Range
TJ
Storage Temperature Range
Tstg
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient 0.375"(9.5mm) lead length P.C.B. Mounted
-55 to +125
-55 to +150
-55 to +150
IR
Amp
Amp
mAmp
I(AV)
IFSM
15
10
0.5
50
500
380
· Exceeds environmental standards of MIL-S-19500/228
· For use in low voltage, high frequency inverters
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
SR520 THRU SR5200
SCHOTTKY BARRIER RECTIFIERS
Dimensions in inches and (millimeters)
DO-201AD(DO-27)
http://www.trr-jx.com
5.0
150
SR520
SR550
SR560
SR580
20
50
60
80
20
50
60
80
14
35
42
56
SR540
40
40
28
0.55
0.70
0.85
SR5100 SR5150 SR5200
100
150
200
100
150
200
70
105
140
0.95


Similar Part No. - SR580

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
SR580 YIXIN-SR580 Datasheet
128Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Bytes
SR580 BYTES-SR580 Datasheet
153Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SR580 LUGUANG-SR580 Datasheet
151Kb / 2P
   Schottky Barrier Rectifiers
logo
Nanjing International G...
SR580 DGNJDZ-SR580 Datasheet
467Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Guangdong Juxing Electr...
SR580 JUXING-SR580 Datasheet
802Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR580

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com