Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF13 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SF13
Description  Superfast Recovery Rectitiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SF13 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SF13 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SF13 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
· High surge capability
DO-41
· Low forward voltage, high current capability
· Hermetically sealed
· Low leakage.
MECHANICAL DATA
Case: Molded plastic, DO-41
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.012ounce, 0.33gram
Maximum Ratings and Electrical Characteristics
Ratings at 25ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols
SF11
SF12
SF13
SF14
SF15
SF16
SF18
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
Volts
Maximum Average Forward Rectified Current
375"(9.5mm) Lead Length at T A=55℃
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage at 1.0A DC and 25℃
VF
1.7
Volts
Maximum Reverse Current
at TA=25℃
at Rated DC Blocking Voltage
TA=100℃
Typical Junction Capacitance (Note 1)
CJ
pF
Typical Thermal Resistance (Note 2)
RθJA
/W
Maximum Reverse Recovery Time (Note 3)
TRR
50
nS
Operating Junction Temperature Range
TJ
Storage Temperature Range
Tstg
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance from Junction to Ambient 0.375"(9.5mm) lead length P.C.B. Mounted.
3- Reverse Recovery Test Conditions:IF=.5A,IR=1A,IRR=.25A.
-55 to +125
-55 to +125
50
25
50
35
Dimensions in inches and (millimeters)
I(AV)
IFSM
1.0
30
IR
Amp
Amp
uAmp
0.95
1.25
5.0
500
· Superfast recovery times
· Exceeds environmental standards of MIL-S-19500/228
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
Superfast Recovery Rectitiers
SF11 THRU SF18
http://www.trr-jx.com


Similar Part No. - SF13

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SF13 DIOTECH-SF13 Datasheet
677Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Mospec Semiconductor
SF13 MOSPEC-SF13 Datasheet
137Kb / 2P
   POWER RECTIFIERS(1.0A,50-400V)
logo
SAMYANG ELECTRONICS CO....
SF13 SAMYANG-SF13 Datasheet
448Kb / 2P
   SUPER FAST RECTIFIER
logo
GOOD-ARK Electronics
SF13 GOOD-ARK-SF13 Datasheet
227Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Taiwan Semiconductor Co...
SF13 TSC-SF13 Datasheet
377Kb / 4P
   Super Fast Rectifiers
More results

Similar Description - SF13

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SF51 JUXING-SF51 Datasheet
569Kb / 2P
   Superfast Recovery Rectitiers
SFA06 JUXING-SFA06_15 Datasheet
1Mb / 2P
   Superfast Recovery Rectitiers
ER201G JUXING-ER201G Datasheet
811Kb / 2P
   Superfast Recovery Rectitiers
SF31G JUXING-SF31G Datasheet
680Kb / 2P
   Superfast Recovery Rectitiers
SF21G JUXING-SF21G Datasheet
788Kb / 2P
   Superfast Recovery Rectitiers
DS601 JUXING-DS601 Datasheet
2Mb / 3P
   Superfast Recovery Rectitiers
ER300 JUXING-ER300 Datasheet
717Kb / 2P
   Superfast Recovery Rectitiers
SF31 JUXING-SF31_18 Datasheet
707Kb / 2P
   Superfast Recovery Rectitiers
SF51 JUXING-SF51_18 Datasheet
641Kb / 2P
   Superfast Recovery Rectitiers
SF501 JUXING-SF501 Datasheet
1Mb / 3P
   Superfast Recovery Rectitiers
SF508 JUXING-SF508 Datasheet
3Mb / 3P
   Superfast Recovery Rectitiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com