Electronic Components Datasheet Search |
|
NUC120RD2DN Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers |
|
NUC120RD2DN Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers |
15 / 107 page NUC100/120xxxDN Mar. 02, 2017 Page 15 of 107 Rev 1.02 – Up to two sets of I 2C device – Master/Slave mode – Bidirectional data transfer between masters and slaves – Multi-master bus (no central master) – Arbitration between simultaneously transmitting masters without corruption of serial data on the bus – Serial clock synchronization allowing devices with different bit rates to communicate via one serial bus – Serial clock synchronization used as a handshake mechanism to suspend and resume serial transfer – Programmable clocks allowing for versatile rate control – Supports multiple address recognition (four slave address with mask option) – Supports wake-up function I 2S – Interface with external audio CODEC – Operate as either Master or Slave mode – Capable of handling 8-, 16-, 24- and 32-bit word sizes – Supports mono and stereo audio data – Supports I 2S and MSB justified data format – Provides two 8 word FIFO data buffers, one for transmitting and the other for receiving – Generates interrupt requests when buffer levels cross a programmable boundary – Supports two DMA requests, one for transmitting and the other for receiving PS/2 Device – Host communication inhibit and request to send detection – Reception frame error detection – Programmable 1 to 16 bytes transmit buffer to reduce CPU intervention – Double buffer for data reception – Software override bus EBI (External bus interface) – Accessible space: 64 KB in 8-bit mode or 128 KB in 16-bit mode – Supports 8-/16-bit data width – Supports byte write in 16-bit data width mode USB 2.0 Full-Speed Device – One set of USB 2.0 FS Device 12 Mbps – On-chip USB Transceiver – Provides 1 interrupt source with 4 interrupt events – Supports Control, Bulk In/Out, Interrupt and Isochronous transfers – Auto suspend function when no bus signaling for 3 ms – Provides 6 programmable endpoints – Includes 512 Bytes internal SRAM as USB buffer – Provides remote wake-up capability ADC – 12-bit SAR ADC with 760 kSPS – Up to 8-ch single-end input or 4-ch differential input – Single scan/single cycle scan/continuous scan – Each channel with individual result register – Scan on enabled channels – Threshold voltage detection – Conversion started by software programming or external input – Supports PDMA mode Analog Comparator |
Similar Part No. - NUC120RD2DN |
|
Similar Description - NUC120RD2DN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |