Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1390 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE1390
Description  Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1390 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1390 Datasheet HTML 1Page - NTE Electronics NTE1390 Datasheet HTML 2Page - NTE Electronics NTE1390 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (TA = +25°C, VCC = 13.2V, RL = 4Ω, f = 1kHz, Rg = 600Ω, with
100 x 100 x 1.5mm3 Al Heat Sink unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
ICCO
65
120
mA
Voltage Gain
VG
Closed Loop
49
51
53
dB
Output Power
PO
THD = 10%
10
12
W
Total Harmonic Distortion
THD
PO = 1W
0.1
1.0
%
Input Resistance
ri
21
30
k
Output Noise Voltage
VNO 1
Rg = 0, f = 20Hz to 20MHz,
Band Pass Filter
0.4
1.0
mV
VNO 2
Rg = 10kΩ, f = 20Hz to 20MHz,
Band Pass Filter
0.6
2.0
mV
Output Offset Voltage
Voff
–300
+300
mV
Muting Suppression (AC, Note 1)
ATT
vo = 0dBm, VM = 9V
38
dB
Note 1. For DC muting, ATT = ∞.
Pin Connection Diagram
NTE1390
(Front View)
NTE1391
(Front View)
VCC
Input
Preamp GND
NF 2
Output 1
DC Audio Muting
Power Amp GND
10
9
8
7
Output 2
6
5
4
3
NF 1
2
AC Audio Muting
1
VCC
Output 1
Output 2
DC Audio Muting
Input
AC Audio Muting
NF 2
Preamp GND
10
9
8
7
NF 1
6
5
4
3
Power Amp GND
2
1


Similar Part No. - NTE1390

ManufacturerPart No.DatasheetDescription
NTE Electronics
NTE Electronics
NTE1392 NTE-NTE1392 Datasheet
23Kb / 2P
   Integrated Circuit Audio Power Amp, 7W
NTE1393 NTE-NTE1393 Datasheet
23Kb / 2P
   Integrated Circuit Audio Power Amp, 7W
NTE1394 NTE-NTE1394 Datasheet
24Kb / 2P
   5.5W Dual Power Amplifier Car Radio, Car Stereo Output Audio Power Amplifier
NTE1395 NTE-NTE1395 Datasheet
23Kb / 2P
   Integrated Circuit Dual Audio Power Amplifier, 5.8W/Ch
NTE1396 NTE-NTE1396 Datasheet
23Kb / 3P
   Integrated Circuit 20W Bridge Booster for Car Radio
More results

Similar Description - NTE1390

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA4460 SANYO-LA4460 Datasheet
478Kb / 5P
   12W AF Power Amplifier For Car Radio or Car Stereo
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
   12W AF Power Amplifier for Car Radio, Car Stereo
NTE Electronics
NTE Electronics
NTE1388 NTE-NTE1388 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio, Car Stereo
NTE1802 NTE-NTE1802 Datasheet
31Kb / 4P
   Integrated Circuit Power Amplifier for Car Stereo Radio, 12W/Ch or 24W BTL
Toshiba Semiconductor
Toshiba Semiconductor
TA7205AP TOSHIBA-TA7205AP Datasheet
414Kb / 5P
   5.8W AUDIO POWER AMPLIFIER FOR CAR-STEREO, CAR-RADIO OUTPUT
NTE Electronics
NTE Electronics
NTE1232 NTE-NTE1232 Datasheet
25Kb / 3P
   Integrated Circuit Audio Amplifier for Car Radio, 8W
NTE1288 NTE-NTE1288 Datasheet
75Kb / 2P
   Integrated Circuit Audio Power Amplifier, 10W for Car Radio
NTE1370 NTE-NTE1370 Datasheet
23Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio
NTE7053 NTE-NTE7053 Datasheet
24Kb / 3P
   Integrated Circuit 22W Bridge-Stereo Amplifier for Car Radio
KEC(Korea Electronics)
KEC(Korea Electronics)
KIA7217AP KEC-KIA7217AP Datasheet
97Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC (5.8W AUDIO POWER AMPLIFIER CAR STEREO, CAR RADIO OUTPUT)
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz