Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3098 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SK3098
Description  N CHANNEL MOS SILICON TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3098 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SK3098 Datasheet HTML 1Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SK3098
No.8627-1/3
www.semiconductor-sanyo.com/network
Ordering number : EN8627
30310QB TK IM TA-1547
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
SANYO Semiconductors
DATA SHEET
2SK3098
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
Features
Low ON-resistance.
High-speed switching.
15V drive.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
400
V
Gate-to-Source Voltage
VGSS
±30
V
Drain Current (DC)
ID
12
A
Drain Current (Pulse)
IDP
48
A
Allowable Power Dissipation
PD
Tc=25°C85
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
400
V
Zero-Gate Voltage Drain Current
IDSS
VDS=320V, VGS=0V
1.0
mA
Gate-to-Source Leakage Current
IGSS
VGS= ±30V, VDS=0V
±100
nA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
3
4
V
Forward Transfer Admittance
⏐yfs⏐
VDS=10V, ID=6A
2.9
5.8
S
Static Drain-to-Source On-State Resistance
RDS(on)
ID=6A, VGS=15V
0.43
0.55
Ω
Input Capacitance
Ciss
VDS=20V, f=1MHz
1150
pF
Output Capacitance
Coss
VDS=20V, f=1MHz
350
pF
Reverse Transfer Capacitance
Crss
VDS=20V, f=1MHz
150
pF
Continued on next page.


Similar Part No. - 2SK3098

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3098 SANYO-2SK3098 Datasheet
49Kb / 3P
   General-Purpose Switching Device Applications
logo
VBsemi Electronics Co.,...
2SK3098 VBSEMI-2SK3098 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK3098 ISC-2SK3098 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3098

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FTD2011A SANYO-FTD2011A Datasheet
52Kb / 4P
   N CHANNEL MOS SILICON TRANSISTOR
FW261 SANYO-FW261 Datasheet
34Kb / 2P
   N CHANNEL MOS SILICON TRANSISTOR
logo
List of Unclassifed Man...
CPH6411 ETC-CPH6411 Datasheet
54Kb / 4P
   N CHANNEL MOS SILICON TRANSISTOR
logo
Sanyo Semicon Device
MCH3443 SANYO-MCH3443 Datasheet
52Kb / 4P
   N CHANNEL MOS SILICON TRANSISTOR
2SK3830 SANYO-2SK3830 Datasheet
57Kb / 4P
   N CHANNEL MOS SILICON TRANSISTOR
FW257 SANYO-FW257 Datasheet
55Kb / 4P
   N CHANNEL MOS SILICON TRANSISTOR
2SK3351 SANYO-2SK3351 Datasheet
55Kb / 4P
   N CHANNEL MOS SILICON TRANSISTOR
ECH8607 SANYO-ECH8607 Datasheet
46Kb / 4P
   N CHANNEL MOS SILICON TRANSISTOR
ECH8604 SANYO-ECH8604 Datasheet
41Kb / 4P
   N CHANNEL MOS SILICON TRANSISTOR
logo
Guangdong Kexin Industr...
KPCF8402 KEXIN-KPCF8402 Datasheet
96Kb / 3P
   Silicon P, N Channel MOS Type Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com