Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2220X393CZGACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part # C2220X393CZGACAUTO
Description  High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2220X393CZGACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

  C2220X393CZGACAUTO Datasheet HTML 1Page - Kemet Corporation C2220X393CZGACAUTO Datasheet HTML 2Page - Kemet Corporation C2220X393CZGACAUTO Datasheet HTML 3Page - Kemet Corporation C2220X393CZGACAUTO Datasheet HTML 4Page - Kemet Corporation C2220X393CZGACAUTO Datasheet HTML 5Page - Kemet Corporation C2220X393CZGACAUTO Datasheet HTML 6Page - Kemet Corporation C2220X393CZGACAUTO Datasheet HTML 7Page - Kemet Corporation C2220X393CZGACAUTO Datasheet HTML 8Page - Kemet Corporation C2220X393CZGACAUTO Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1081_C0G_HV_FT_AUTO_SMD • 2/29/2016
One world. One KEMET
Ordering Information
C
2225
X
393
J
C
G
A
C
AUTO
Ceramic Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance1
Rated Voltage
(VDC)
Dielectric Failure Rate/
Design
Termination
Finish2
Packaging/Grade (C-Spec)
0805
1206
1210
1808
1812
1825
2220
2225
X= Flexible
Termination
Two significant
digits +
number of zeros.
B = ±0.10 pF
C = ±0.25 pF
D = ±0.5 pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
M = ±20%
C = 500
B = 630
D = 1,000
F = 1,500
G = 2,000
Z = 2,500
H = 3,000
G = C0G
A = N/A
C = 100%
Matte Sn
See
“Packaging C-Spec
Ordering Options Table”
below
1
Additional capacitance tolerance offerings may be available. Contact KEMET for details.
2
Additional termination finish options may be available. Contact KEMET for details.
Overview
KEMET’s Automotive Grade High Voltage with Flexible Termination
(HV FT-CAP) surface mount MLCCs in C0G dielectric address the
primary failure mode of MLCCs– flex cracks, which are typically
the result of excessive tensile and shear stresses produced during
board flexure and thermal cycling. Featuring several of the highest
CV (capacitance/voltage) values available in the industry, these
devices utilize a pliable and conductive silver epoxy between the
base metal and nickel barrier layers of the termination system. The
addition of this epoxy layer inhibits the transfer of board stress to
the rigid ceramic body, therefore mitigating flex cracks which can
result in low IR or short circuit failures. Although flexible termination
technology does not eliminate the potential for mechanical damage
that may propagate during extreme environmental and handling
conditions, it does provide superior flex performance over standard
termination systems.
KEMET’s high voltage surface mount MLCCs in C0G dielectric
feature a 125°C maximum operating temperature and offers the most
stable voltage and temperature performance of all ceramic dielectric
materials. C0G (NP0) dielectric capacitors exhibit no change in
capacitance with respect to time and voltage and boasts a negligible
change in capacitance with reference to ambient temperature.
Capacitance change is limited to ±30ppm/ºC from −55°C to +125°C.
These devices exhibit low ESR at high frequencies and find
conventional use as snubbers or filters in applications such as
switching power supplies and lighting ballasts. Their exceptional
performance at high frequencies has made high voltage MLCC’s the
preferred dielectric choice of design engineers worldwide. In addition
to their use in power supplies, these capacitors are widely used in
industries related to automotive (hybrid), telecommunications, medical,
military, aerospace, semiconductors and test/diagnostic equipment.
Whether under-hood or in-cabin, these capacitors are designed to
provide reliable performance in mission and safety critical automotive
circuits. Stricter testing protocol and inspection criteria have been
established for automotive grade products in recognition of potentially
harsh environmental conditions. KEMET automotive grade series
capacitors meet the demanding Automotive Electronics Council’s
AEC-Q200 qualification requirements.
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage with Flexible Termination System (HV FT-CAP),
C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C2220X393CZGACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220X393CZGACAUTO KEMET-C2220X393CZGACAUTO Datasheet
1Mb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
More results

Similar Description - C2220X393CZGACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO_17 Datasheet
1Mb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1812X104KDRACTU KEMET-C1812X104KDRACTU Datasheet
2Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1206X102KGRACTU KEMET-C1206X102KGRACTU Datasheet
715Kb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1210X154KCRACTU KEMET-C1210X154KCRACTU Datasheet
1Mb / 22P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C2225X393JCGACTU KEMET-C2225X393JCGACTU_V01 Datasheet
825Kb / 23P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
2/28/2023
C2225Y393JCGACTU KEMET-C2225Y393JCGACTU Datasheet
907Kb / 24P
   Floating Electrode (FF-CAP), High Voltage with Flexible Termination C0G Dielectric, 500 – 3,000 VDC (Commercial & Automotive Grade)
2/16/2023
C2225X393JCGACTU KEMET-C2225X393JCGACTU Datasheet
832Kb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500VDC - 3000VDC (Commercial & Automotive Grade)
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com