Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206X393CZGACAUTO Datasheet(PDF) 9 Page - Kemet Corporation

Part # C1206X393CZGACAUTO
Description  High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206X393CZGACAUTO Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C1206X393CZGACAUTO Datasheet HTML 5Page - Kemet Corporation C1206X393CZGACAUTO Datasheet HTML 6Page - Kemet Corporation C1206X393CZGACAUTO Datasheet HTML 7Page - Kemet Corporation C1206X393CZGACAUTO Datasheet HTML 8Page - Kemet Corporation C1206X393CZGACAUTO Datasheet HTML 9Page - Kemet Corporation C1206X393CZGACAUTO Datasheet HTML 10Page - Kemet Corporation C1206X393CZGACAUTO Datasheet HTML 11Page - Kemet Corporation C1206X393CZGACAUTO Datasheet HTML 12Page - Kemet Corporation C1206X393CZGACAUTO Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1081_C0G_HV_FT_AUTO_SMD • 2/29/2016
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
Table 1B – Capacitance Range/Selection Waterfall (1812 – 2225 Case Sizes) cont’d
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91)
KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within
the same form factor (configuration and dimensions).
These products are protected under US Patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts..
Cap
Cap
Code
Case Size/Series
C1812X
C1825X
C2220X
C2225X
Voltage Code
C B D F G Z H C B D F G Z H C B D F G Z H C B D F G Z H
Rated Voltage (VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
1,200 pF
122
F G J K M GH GK GK GH GO
HJ HJ HJ HJ HJ HJ
JE JK JK JK JK JL
KE KE KE KF KF KF
1,300 pF
132
F G J K M GH GK GK GH GO
HE HE HE HE HE HJ
JE JK JK JK JE JL
KE KE KE KF KF KH
1,500 pF
152
F G J K M GK GK GK GK GO
HE HE HE HE HE HK
JE JK JK JK JE JL
KE KE KE KF KF KH
1,600 pF
162
F G J K M GK GK GK GK
HG HG HG HG HG HK
JE JK JK JK JE JL
KE KE KE KF KE KH
1,800 pF
182
F G J K M GK GK GK GM
HG HG HG HG HG
JE JK JK JK JE JN
KE KE KE KF KE KH
2,000 pF
202
F G J K M GK GK GK GM
HE HE HE HE HJ
JE JK JK JE JK
KE KE KE KF KE KJ
2,200 pF
222
F G J K M GK GK GK GO
HE HE HE HE HJ
JE JK JK JE JK
KE KE KE KF KF KJ
2,400 pF
242
F G J K M GK GH GK GO
HE HE HE HE HJ
JK JK JK JE JL
KE KE KE KE KH
2,700 pF
272
F G J K M GK GH GK GO
HE HE HE HE HK
JK JK JK JE JL
KE KE KE KE KH
3,000 pF
302
F G J K M GK GH GK
HE HE HE HE HK
JK JK JK JE JL
KE KE KE KE KH
3,300 pF
332
F G J K M GK GH GK
HG HG HG HG
JK JK JK JK JN
KE KE KE KE KJ
3,600 pF
362
F G J K M GK GH GM
HG HG HG HG
JK JK JK JK JN
KE KF KF KF KJ
3,900 pF
392
F G J K M GK GH GM
HJ HJ HJ HJ
JK JK JK JK JN
KE KF KF KF KJ
4,300 pF
432
F G J K M GH GH GO
HJ HJ HJ HJ
JK JK JK JK
KE KF KF KF
4,700 pF
472
F G J K M GH GH GO
HJ HJ HJ HJ
JK JK JK JL
KE KF KF KH
5,100 pF
512
F G J K M GH GK GO
HE HE HG HK
JK JK JK JL
KE KF KF KH
5,600 pF
562
F G J K M GH GK GO
HE HE HG HK
JK JK JK JN
KE KF KF KH
6,200 pF
622
F G J K M GH GK
HE HE HG
JK JE JE JN
KE KF KF KJ
6,800 pF
682
F G J K M GH GM
HE HE HJ
JK JE JK JN
KE KF KF KJ
7,500 pF
752
F G J K M GH GM
HE HE HJ
JK JE JK
KF KE KF
8,200 pF
822
F G J K M GK GO
HE HE HJ
JK JE JL
KF KE KF
9,100 pF
912
F G J K M GM GO
HE HG HK
JE JE JL
KF KE KH
10,000 pF
103
F G J K M GM GO
HE HG HK
JE JE JL
KF KE KH
12,000 pF
123
F G J K M GO
HE HG
JE JK JN
KE KE KH
15,000 pF
153
F G J K M GO
HE HJ
JE JL
KE KF KJ
18,000 pF
183
F G J K M
HG HK
JE JL
KE KH
22,000 pF
223
F G J K M
HJ
JK JN
KF KJ
27,000 pF
273
F G J K M
HJ
JL JN
KF KJ
33,000 pF
333
F G J K M
HK
JN
KH
39,000 pF
393
F G J K M
KJ
Cap
Cap
Code
Rated Voltage (VDC)
Voltage Code
C B D F G Z H C B D F G Z H C B D F G Z H C B D F G Z H
Case Size/Series
C1812X
C1825X
C2220X
C2225X


Similar Part No. - C1206X393CZGACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206X393CZGACAUTO KEMET-C1206X393CZGACAUTO Datasheet
1Mb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
More results

Similar Description - C1206X393CZGACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO_17 Datasheet
1Mb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1812X104KDRACTU KEMET-C1812X104KDRACTU Datasheet
2Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1206X102KGRACTU KEMET-C1206X102KGRACTU Datasheet
715Kb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1210X154KCRACTU KEMET-C1210X154KCRACTU Datasheet
1Mb / 22P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C2225X393JCGACTU KEMET-C2225X393JCGACTU_V01 Datasheet
825Kb / 23P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
2/28/2023
C2225Y393JCGACTU KEMET-C2225Y393JCGACTU Datasheet
907Kb / 24P
   Floating Electrode (FF-CAP), High Voltage with Flexible Termination C0G Dielectric, 500 – 3,000 VDC (Commercial & Automotive Grade)
2/16/2023
C2225X393JCGACTU KEMET-C2225X393JCGACTU Datasheet
832Kb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500VDC - 3000VDC (Commercial & Automotive Grade)
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com