Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1825X393BZGACAUTO Datasheet(PDF) 3 Page - Kemet Corporation

Part # C1825X393BZGACAUTO
Description  High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1825X393BZGACAUTO Datasheet(HTML) 3 Page - Kemet Corporation

  C1825X393BZGACAUTO Datasheet HTML 1Page - Kemet Corporation C1825X393BZGACAUTO Datasheet HTML 2Page - Kemet Corporation C1825X393BZGACAUTO Datasheet HTML 3Page - Kemet Corporation C1825X393BZGACAUTO Datasheet HTML 4Page - Kemet Corporation C1825X393BZGACAUTO Datasheet HTML 5Page - Kemet Corporation C1825X393BZGACAUTO Datasheet HTML 6Page - Kemet Corporation C1825X393BZGACAUTO Datasheet HTML 7Page - Kemet Corporation C1825X393BZGACAUTO Datasheet HTML 8Page - Kemet Corporation C1825X393BZGACAUTO Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1081_C0G_HV_FT_AUTO_SMD • 2/29/2016
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
Automotive C-Spec Information
KEMET Automotive Grade products meet or exceed the requirements outlined by the Automotive Electronics Council. Details regarding
test methods and conditions are referenced in document AEC–Q200, Stress Test Qualification for Passive Components. These
products are supported by a Product Change Notification (PCN) and Production Part Approval Process warrant (PPAP).
Automotive products offered through our distribution channel have been assigned an inclusive ordering code C-Spec, "AUTO". This
C-Spec was developed in order to better serve small and medium sized companies that prefer an automotive grade component without
the requirement to submit a customer Source Controlled Drawing (SCD) or specification for review by a KEMET engineering specialist.
This C-Spec is therefore not intended for use by KEMET’s OEM Automotive customers and are not granted the same “privileges” as
other automotive C-Specs. Customer PCN approval and PPAP request levels are limited (see details below).
Product Change Notification (PCN)
The KEMET Product Change Notification system is used to communicate primarily the following types of changes:
• Product/process changes that affect product form, fit , function, and /or reliability
• Changes in manufacturing site
• Product obsolescence
KEMET Automotive
C-Spec
Customer Notification due to:
Days prior to
implementation
Process/Product change
Obsolescence*
KEMET assigned1
Yes (with approval and
sign off)
Yes
180 days Minimum
AUTO
Yes (without approval)
Yes
90 days Minimum
1
KEMET assigned C-Specs require the submittal of a customer SCD or customer specification for review. For additional information contact KEMET.
Production Part Approval Process (PPAP)
The purpose of the Production Part Approval Process is:
• To ensure that supplier can meet the manufacturability and quality requirements for the purchased parts.
• To provide the evidence that all customer engineering design record and specification requirements are properly understood and
fulfilled by the manufacturing organization.
• To demonstrate that the established manufacturing process has the potential to produce the part
KEMET
Automotive
C-Spec
PPAP (Product Part Approval Process) Level
1
2
3
4
5
KEMET
assigned1
AUTO
1
KEMET assigned C-Specs require the submittal of a customer SCD or customer specification for review. For additional information contact KEMET.
● Part Number specific PPAP available
○ Product family PPAP only


Similar Part No. - C1825X393BZGACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1825X393BZGACAUTO KEMET-C1825X393BZGACAUTO Datasheet
1Mb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
More results

Similar Description - C1825X393BZGACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO_17 Datasheet
1Mb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1812X104KDRACTU KEMET-C1812X104KDRACTU Datasheet
2Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1206X102KGRACTU KEMET-C1206X102KGRACTU Datasheet
715Kb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1210X154KCRACTU KEMET-C1210X154KCRACTU Datasheet
1Mb / 22P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C2225X393JCGACTU KEMET-C2225X393JCGACTU_V01 Datasheet
825Kb / 23P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
2/28/2023
C2225Y393JCGACTU KEMET-C2225Y393JCGACTU Datasheet
907Kb / 24P
   Floating Electrode (FF-CAP), High Voltage with Flexible Termination C0G Dielectric, 500 – 3,000 VDC (Commercial & Automotive Grade)
2/16/2023
C2225X393JCGACTU KEMET-C2225X393JCGACTU Datasheet
832Kb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500VDC - 3000VDC (Commercial & Automotive Grade)
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com