Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN12969 Datasheet(PDF) 2 Page - Cree, Inc

Part # CN12969
Description  Lenina series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CN12969 Datasheet(HTML) 2 Page - Cree, Inc

  CN12969 Datasheet HTML 1Page - Cree, Inc CN12969 Datasheet HTML 2Page - Cree, Inc CN12969 Datasheet HTML 3Page - Cree, Inc CN12969 Datasheet HTML 4Page - Cree, Inc CN12969 Datasheet HTML 5Page - Cree, Inc CN12969 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
0%
25%
50%
75%
100%
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
40
45
Absolute intensity of CN12969_LENINA-XW
CN12969_LENINA-XW


Similar Part No. - CN12969

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN12959 CREE-CN12959 Datasheet
405Kb / 6P
   Lenina series
CN12970 CREE-CN12970 Datasheet
404Kb / 6P
   Lenina series
CN12971 CREE-CN12971 Datasheet
362Kb / 6P
   Lenina series
More results

Similar Description - CN12969

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN14108 CREE-CN14108 Datasheet
2Mb / 35P
   Lenina series
CN12650 CREE-CN12650 Datasheet
278Kb / 3P
   Lenina series
CN12652 CREE-CN12652 Datasheet
299Kb / 3P
   Lenina series
CN12653 CREE-CN12653 Datasheet
263Kb / 3P
   Lenina series
CN13201 CREE-CN13201 Datasheet
420Kb / 6P
   Lenina series
CN14106 CREE-CN14106 Datasheet
2Mb / 37P
   Lenina series
CN12959 CREE-CN12959 Datasheet
405Kb / 6P
   Lenina series
CN13197 CREE-CN13197 Datasheet
403Kb / 5P
   Lenina series
CN12641 CREE-CN12641 Datasheet
403Kb / 5P
   Lenina series
CN13200 CREE-CN13200 Datasheet
409Kb / 6P
   Lenina series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com