Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFURF3360-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LFURF3360-PF
Description  FLASH ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFURF3360-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LFURF3360-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFURF3360-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFURF3360-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFURF3360-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFURF3360-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFURF3360-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 4/5
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
2.Wave Soldering Profile
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One time only)
Distance:2mm Min(From solder joint to body)
5
°/sec
max
Temp(
°C)
260°
260
°C3sec Max
150
100
Time(sec)
50
2
°/sec
max
25°
0
Preheat
Note: 1.Wave solder should not be made more than one time.
2.You can just only select one of the soldering conditions as above.
120°
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:2mm Min(From solder joint to body)
PART NO. LFURF3360-PF


Similar Part No. - LFURF3360-PF

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
LFU-1 FESTO-LFU-1 Datasheet
66Kb / 1P
   Filter muffler
3/10/22
LFU-1/2 FESTO-LFU-1/2 Datasheet
67Kb / 1P
   Filter muffler
3/10/22
LFU-1/4 FESTO-LFU-1/4 Datasheet
75Kb / 1P
   Filter muffler
3/10/22
logo
PAIRUI GROUP INC.
LFU-100C PAIRUI-LFU-100C Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
LFU-100V PAIRUI-LFU-100V Datasheet
481Kb / 9P
   Constant Voltage LED Power Supplies
More results

Similar Description - LFURF3360-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFHRF3363-PF LIGITEK-LFHRF3363-PF Datasheet
66Kb / 2P
   FLASH ROUND TYPE LED LAMPS
LFI3360-PF LIGITEK-LFI3360-PF Datasheet
75Kb / 3P
   FLASH ROUND TYPE LED LAMPS
LFH2060 LIGITEK-LFH2060 Datasheet
59Kb / 1P
   FLASH ROUND TYPE LED LAMPS
LFH3360-PF LIGITEK-LFH3360-PF Datasheet
66Kb / 2P
   FLASH ROUND TYPE LED LAMPS
LFG2060 LIGITEK-LFG2060 Datasheet
59Kb / 1P
   FLASH ROUND TYPE LED LAMPS
LFI3660-PF LIGITEK-LFI3660-PF Datasheet
66Kb / 2P
   FLASH ROUND TYPE LED LAMPS
LFDGM2063-1.5HZ LIGITEK-LFDGM2063-1.5HZ Datasheet
158Kb / 6P
   FLASH ROUND TYPE LED LAMPS
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com