Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA119B-HGYE-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LA119B-HGYE-PF
Description  LED ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA119B-HGYE-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LA119B-HGYE-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA119B-HGYE-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA119B-HGYE-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA119B-HGYE-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA119B-HGYE-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA119B-HGYE-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA119B-HGYE-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LA119B-HGYE-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LA119B-HGYE-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
mA
mA
mW
μA
Viewing
angle
2
θ 1/2
(deg)
2.6
1.7
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Tstg
Lens
Typical Electrical & Optical Characteristics (Ta=25
)
MATERIAL
LA119B/HGYE-PF
PART NO
Emitted
COLOR
Power Dissipation
Operating Temperature
Reverse Current @5V
Storage Temperature
Topr
Ir
PD
Peak
wave
length
λPnm
Spectral
halfwidth
△λnm
Min.
Luminous
intensity
@10mA(mcd)
Min. Max.
1.7
2.6
Forward
voltage
@
mA(V)
20
Typ.
10
-40 ~ +85
-40 ~ +100
100
60
Symbol
Absolute Maximum Ratings at Ta=25
Forward Current
Parameter
Peak Forward Current
Duty 1/10@10KHz
PART NO.
IF
IFP
Ratings
120
30
G
80
20
Y
50
50
2/8
LA119B/HGYE-PF
H
15
60
40
E
30
120
100
2.6
2.6
Yellow Diffused
Orange Diffused
Orange
Yellow
635
1.7
45
585
35
1.7
50
8.0
12
12
8.0
50
Red Diffused
Red
Green
Green Diffused
4.2
1.8
90
697
565
30
12
20
GaP
GaP
GaAsP/GaP
GaP


Similar Part No. - LA119B-HGYE-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA119B-4G-PF LIGITEK-LA119B-4G-PF Datasheet
108Kb / 6P
   LED ARRAY
LA119B-4G-PF-0 LIGITEK-LA119B-4G-PF-0 Datasheet
116Kb / 7P
   LED ARRAY
LA119B-XGGH-PF-0 LIGITEK-LA119B-XGGH-PF-0 Datasheet
130Kb / 8P
   LED ARRAY
More results

Similar Description - LA119B-HGYE-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com