Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWLG0036KA-A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PWLG0036KA-A
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PWLG0036KA-A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PWLG0036KA-A Datasheet HTML 6Page - Renesas Technology Corp PWLG0036KA-A Datasheet HTML 7Page - Renesas Technology Corp PWLG0036KA-A Datasheet HTML 8Page - Renesas Technology Corp PWLG0036KA-A Datasheet HTML 9Page - Renesas Technology Corp PWLG0036KA-A Datasheet HTML 10Page - Renesas Technology Corp PWLG0036KA-A Datasheet HTML 11Page - Renesas Technology Corp PWLG0036KA-A Datasheet HTML 12Page - Renesas Technology Corp PWLG0036KA-A Datasheet HTML 13Page - Renesas Technology Corp PWLG0036KA-A Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 10 of 127
May 31, 2016
RX111 Group
1. Overview
1.4
Pin Functions
Table 1.4 lists the pin functions.
Table 1.4
Pin Functions (1/3)
Classifications
Pin Name
I/O
Description
Power supply
VCC
Input
Power supply pin. Connect it to the system power supply.
VCL
Connect this pin to the VSS pin via the 4.7
μF smoothing capacitor used to
stabilize the internal power supply. Place the capacitor close to the pin.
VSS
Input
Ground pin. Connect it to the system power supply (0 V).
VCC_USB
Input
Power supply pin for USB. Connect this pin to VCC.
VSS_USB
Input
Ground pin for USB. Connect this pin to VSS.
Analog power
supply
AVCC0
Input
Analog voltage supply pin for the 12-bit A/D converter. Connect this pin to
VCC when not using the 12-bit A/D converter.
AVSS0
Input
Analog ground pin for the 12-bit A/D converter. Connect this pin to VSS
when not using the 12-bit A/D converter.
VREFH0
Input
Analog reference voltage supply pin for the 12-bit A/D converter. Connect
this pin to VCC when not using the 12-bit A/D converter.
VREFL0
Input
Analog reference ground pin for the 12-bit A/D converter. Connect this pin
to VSS when not using the 12-bit A/D converter.
Clock
XTAL
Output/
Input *1
Pins for connecting a crystal. An external clock can be input through the
XTAL pin.
EXTAL
Input
XCIN
Input
Input/output pins for the sub-clock oscillator. Connect a crystal between
XCIN and XCOUT.
XCOUT
Output
CLKOUT
Output
Clock output pin.
Operating mode
control
MD
Input
Pin for setting the operating mode. The signal levels on this pin must not be
changed during operation.
UB#
Input
Pin used for boot mode (USB interface).
UPSEL
Input
Pin used for boot mode (USB interface).
System control
RES#
Input
Reset pin. This MCU enters the reset state when this signal goes low.
CAC
CACREF
Input
Input pin for the clock frequency accuracy measurement circuit.
On-chip
emulator
FINED
I/O
FINE interface pin.
LVD
CMPA2
Input
Detection target voltage pin for voltage detection 2
Interrupts
NMI
Input
Non-maskable interrupt request pin.
IRQ0 to IRQ7
Input
Interrupt request pins.
Multi-function
timer pulse unit 2
MTIOC0A, MTIOC0B
MTIOC0C, MTIOC0D
I/O
The TGRA0 to TGRD0 input capture input/output compare output/PWM
output pins.
MTIOC1A, MTIOC1B
I/O
The TGRA1 and TGRB1 input capture input/output compare output/PWM
output pins.
MTIOC2A, MTIOC2B
I/O
The TGRA2 and TGRB2 input capture input/output compare output/PWM
output pins.
MTIOC3A, MTIOC3B
MTIOC3C, MTIOC3D
I/O
The TGRA3 to TGRD3 input capture input/output compare output/PWM
output pins.
MTIOC4A, MTIOC4B
MTIOC4C, MTIOC4D
I/O
The TGRA4 to TGRD4 input capture input/output compare output/PWM
output pins.
MTIC5U, MTIC5V, MTIC5W
Input
The TGRU5, TGRV5, and TGRW5 input capture input/external pulse input
pins.
MTCLKA, MTCLKB,
MTCLKC, MTCLKD
Input
Input pins for the external clock.
Port output
enable 2
POE0# to POE3#, POE8#
Input
Input pins for request signals to place the MTU pins in the high impedance
state.


Similar Part No. - PWLG0036KA-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PWLG0036KA-A RENESAS-PWLG0036KA-A Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
PWLG0036KA-A RENESAS-PWLG0036KA-A Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
More results

Similar Description - PWLG0036KA-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com