Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWQN0064KC-A Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PWQN0064KC-A
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
Download  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PWQN0064KC-A Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PWQN0064KC-A Datasheet HTML 7Page - Renesas Technology Corp PWQN0064KC-A Datasheet HTML 8Page - Renesas Technology Corp PWQN0064KC-A Datasheet HTML 9Page - Renesas Technology Corp PWQN0064KC-A Datasheet HTML 10Page - Renesas Technology Corp PWQN0064KC-A Datasheet HTML 11Page - Renesas Technology Corp PWQN0064KC-A Datasheet HTML 12Page - Renesas Technology Corp PWQN0064KC-A Datasheet HTML 13Page - Renesas Technology Corp PWQN0064KC-A Datasheet HTML 14Page - Renesas Technology Corp PWQN0064KC-A Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 11 of 177
Oct 30, 2015
RX230 Group, RX231 Group
1. Overview
Figure 1.1
How to Read the Product Part Number
R5
F
5
2
3
1
8
A
D
F M
Package type, number of pins, and pin pitch
FP: LFQFP/100/0.50
FM: LFQFP/64/0.50
FL: LFQFP/48/0.50
LA: TFLGA/100/0.50
LF: WFLGA/64/0.50
ND: HWQFN/64/0.50
NE: HWQFN/48/0.50
D: Operating ambient temperature: –40 to +85°C
G: Operating ambient temperature: –40 to +105°C
Chip versions
RX231 Group
A: Security function not included, SDHI module not
included, CAN module included
B: Security function included, SDHI module included, CAN
module included
C: Security function not included, SDHI module not
included, CAN module not included
RX230 Group
A: USB module not included
ROM, RAM, and E2 DataFlash capacity
8: 512 Kbytes/64 Kbytes/8 Kbytes
7: 384 Kbyte/64 Kbytes/8 Kbytes
6: 256 Kbytes/32 Kbytes/8 Kbytes
5: 128 Kbytes/32 Kbytes/8 Kbytes
Group name
31: RX231 Group
30: RX230 Group
Series name
RX200 Series
Type of memory
F: Flash memory version
Renesas MCU
Renesas semiconductor product


Similar Part No. - PWQN0064KC-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PWQN0024KE-A RENESAS-PWQN0024KE-A Datasheet
3Mb / 207P
   True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
PWQN0024KF-A RENESAS-PWQN0024KF-A Datasheet
3Mb / 207P
   True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
PWQN0028KA-B RENESAS-PWQN0028KA-B Datasheet
448Kb / 51P
   Old Company Name in Catalogs and Other Documents
PWQN0040KC-A RENESAS-PWQN0040KC-A Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
PWQN0040KC-A RENESAS-PWQN0040KC-A Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
More results

Similar Description - PWQN0064KC-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
   54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX230 RENESAS-RX230_V01 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com