Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NV13M09WS Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part No. NV13M09WS
Description  Personal Radio Base Station and 5G Base Station
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NDK [NIHON DEMPA KOGYO]
Homepage  http://www.ndk.com/en
Logo 

NV13M09WS Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Oscillator
NV13M09WS / NV13M09WT
1703B_NV13M09WSWT_e
Voltage Controlled Crystal Oscillator
(VCXO)
Personal Radio Base Station and 5G Base Station
Main Application
● Low Phase Noise
(Typ. -144dBc/Hz, Typ. -169dBc/Hz@1MHz)
● Low Jitter Performance : Typ. 25 fsec
● Dimensions : 13.8×9.2mm
● A leadless type
Features
Specifications
Item
Model
NV13M09WS
NV13M09WT
Nominal Frequency Range (MHz)
100 to 125
100 to 125
Standard Frequency (MHz)
100, 122.88, 125
100, 122.88, 125
Supply Voltage [VCC] (V)
3.3±5%
3.3±5%
Control Voltage [Vcont] (V)
0 to 3.3
0 to 3.3
Current Consumption (mA)
Max. 30
Max. 30
Output Voltage
CMOS
CMOS
Symmetry (%)
40 to 60
40 to 60
Output Load Condition
15pF
15pF
Operating Temperature Range (°C)
0 to +70
–40 to +85
0 to +70
–40 to +85
Storage Temperature Range (°C)
–40 to +85
–40 to +85
Absolute Pull Range [APR] (*1)
Min. ±5×10-6
Min. ±5×10-6
Frequency Change Polarity
Positive
Positive
Phase Jitter (122.88MHz)
Typ. 25 fsec (12kHz to 20MHz)
Typ. 25 fsec (12kHz to 20MHz)
(*1) Absolute Pull Range[APR] is difference value by subtracting Overall Frequency Tolerance from Frequency Pull-ability. (Overall Frequency Tolerance
includes "Frequency/Temperature Characteristics", "Frequency Tolerance", "Frequency/Voltage Coefficient", and "Long-term Frequency Stability (5 years)".)
Please specify the model name, frequency, and specification
number when you order products. For further questions regarding
specifications, please feel free to contact us.
Dimensions
NV13M09WS (H : 2.8mm)
NV13M09WT (H : 5.5mm)
Model
Operating
Temperature Range (°C)
0 to +70
-40 to +85
NV13M09WS (H : 2.8mm)
NSC5114A
NSC5114B
NV13M09WT (H : 5.5mm)
NSC5115A
NSC5115B
Specification Number
Phase Noise Characteristic
#6 #5 #4
#1 #2 #3
13.8±0.3
5.08±0.2
1.0±0.2
NV13M09WS : H=2.8±0.2
NV13M09WT : H=5.5±0.3
2.54
1.27
2.54
Land pattern (Typical)
mm
mm
#1
#2
#3
#4
#5
#6
Vcont
NC
GND
OUTPUT
NC
VCC
Terminal land connections
1
10
100
1K
10K
100K
1M
10M
-20.00
-30.00
-40.00
-50.00
-60.00
-70.00
-80.00
-90.00
-100.0
-110.0
-120.0
-130.0
-140.0
-150.0
-160.0
-170.0
-180.0
Phase Noise Characteristic
Frequency : 122.88MHz
f [Hz]


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn