Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT1612AB Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NT1612AB
Description  Smartphone / Mobile phone, Wireless module, and GPS / GNSS module, etc.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NT1612AB Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NT1612AB Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Oscillator
1703B_NT1612AB_GPS_e
Temperature Compensated Crystal Oscillator(TCXO)
with E/D function for high-precision GPS
NT1612AB
Smartphone / Mobile phone, Wireless module, and GPS / GNSS module, etc.
Main Application
● A crystal oscillator with highly stable frequency / temperature characteristics best
suited for GPS.
● Supports low power supply voltage. (Supports DC +1.68 V to +3.63 V.)
● Ultra-compact and light with a height, cubic volume, and weight of Max. 0.55 mm,
0.0011 cm3, and 0.004 g, respectively.
● With Enable / Disable(Stand-by) function.
● A surface-mount crystal oscillator. (Reflow soldering is possible.)
● Lead-free. Meets the requirements for re-flow profiling using lead-free solder.
Features
Item
Model
NT1612AB
Nominal frequency Range (MHz)
26 to 52
Standard Frequency (MHz)
26
52
Supply Voltage [VCC] (V)
+1.8
Load Impedance
10 kΩ//10 pF
Current
Consumption
Enable (mA)
Max. 1.5
Max. 2.0
Disable (μA)
Max. 2
Output Voltage
Min. 0.8 V(p-p) (DC Coupling *1)
Frequency/Temperature Characteristics
Max. ±0.5×10–6
Operating Temperature Range (°C)
–30 to +85
Storage Temperature Range (°C)
–40 to +85
Frequency/Voltage Coefficient
Max. ±0.1×10–6/+1.8 V±5 %
Frequency/Load Coefficient
Max. ±0.1×10–6/(10 kΩ//10 pF) ±10 %
Long-term Frequency Stability
Max. ±1.0×10–6/year
Enable/Disable Function
Enable : 80%VCC to VCC,
Disable : 0V to 20% VCC
Specification Number
NSC5076A
NSC5076B
• Frequency setting conditions : Frequencies are set at normal temperatures (+25±2 °C).
*1. A DC-cut capacitor is not embedded in this crystal oscillator. Connect a DC-cut capacitor (1,000 pF) to the line-out terminal of the oscillator.
Specifications
1.6 ± 0.1
(0.9)
#1
#4
#2
#1
#2
#3
#4
#3
0.35 ± 0.1
Land pattern (Typical)
mm
#1
Enable/Disable
#2
GND
#3
OUTPUT
#4
VCC
Terminal land connections
0.9
0.5
0.5
Dimensions
Please specify the model name, frequency, and specification number when you order products.
For further questions regarding specifications, please feel free to contact us.


Similar Part No. - NT1612AB

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NT1612AB NDK-NT1612AB Datasheet
669Kb / 1P
   Temperature Compensated Crystal Oscillator
NT1612AB NDK-NT1612AB_18 Datasheet
669Kb / 1P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - NT1612AB

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NT1612AA NDK-NT1612AA Datasheet
649Kb / 1P
   Smartphone / Mobile phone, Wireless module, and GPS / GNSS module, etc.
logo
Yuechung International ...
YIC51818GM-37 YIC-YIC51818GM-37 Datasheet
505Kb / 12P
   GPS/GNSS Antenna Module
YIC51513PGM-37 YIC-YIC51513PGM-37 Datasheet
189Kb / 10P
   GPS/GNSS Antenna Module
YIC51616GMS-37 YIC-YIC51616GMS-37 Datasheet
781Kb / 13P
   GPS/GNSS Antenna Module
logo
NIHON DEMPA KOGYO
NZ2520SHB NDK-NZ2520SHB Datasheet
816Kb / 2P
   For Smartphone and Tablet computer etc.
logo
Seiko Instruments Inc
SC-12S SII-SC-12S Datasheet
257Kb / 1P
   Mobile Phone, Wearable, Module, Sub-clock function for a variety of Microcomputer, etc.
logo
NIHON DEMPA KOGYO
NZ2016SHB NDK-NZ2016SHB Datasheet
835Kb / 2P
   For Smartphone and Tablet computer etc
NT2520SD NDK-NT2520SD Datasheet
583Kb / 1P
   Mobile phone, Specified low power radio and Disaster prevention radio, etc.
logo
STMicroelectronics
X-NUCLEO-GNSS1A1 STMICROELECTRONICS-X-NUCLEO-GNSS1A1 Datasheet
3Mb / 5P
   GNSS Module
Rev 2 - October 2018
logo
Analog Devices
AD6528 AD-AD6528_15 Datasheet
163Kb / 1P
   For Smartphone and Wireless Handheld Devices
Rev. PrA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com