Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S124 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 6Page - Renesas Technology Corp S124 Datasheet HTML 7Page - Renesas Technology Corp S124 Datasheet HTML 8Page - Renesas Technology Corp S124 Datasheet HTML 9Page - Renesas Technology Corp S124 Datasheet HTML 10Page - Renesas Technology Corp S124 Datasheet HTML 11Page - Renesas Technology Corp S124 Datasheet HTML 12Page - Renesas Technology Corp S124 Datasheet HTML 13Page - Renesas Technology Corp S124 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 10 of 95
Feb 23, 2016
S124
1. Overview
1.5
Pin Functions
Table 1.14
Pin functions (1/3)
Function
Signal
I/O
Description
Power supply
VCC
Input
Power supply pin. Connect it to the system power supply. Connect this pin
to VSS by a 0.1-μF capacitor. The capacitor should be placed close to the
pin.
VCL
Input
Connect this pin to the VSS pin by the smoothing capacitor used to stabilize
the internal power supply. Place the capacitor close to the pin.
VSS
Input
Ground pin. Connect it to the system power supply (0 V).
Clock
XTAL
Output
Pins for a crystal resonator. An external clock signal can be input through
the EXTAL pin.
EXTAL
Input
XCIN
Input
Input/output pins for the sub-clock oscillator. Connect a crystal resonator
between XCOUT and XCIN.
XCOUT
Output
CLKOUT
Output
Clock output pin.
Operating mode control
MD
Input
Pins for setting the operating mode. The signal levels on these pins must
not be changed during operation mode transition at the time of release from
the reset state.
System control
RES
Input
Reset signal input pin. The MCU enters the reset state when this signal
goes low.
CAC
CACREF
Input
Measurement reference clock input pin.
On-chip debug
SWDIO
I/O
Serial Wire debug Data Input/Output pin.
SWCLK
Input
Serial Wire Clock pin.
Interrupt
NMI
Input
Non-maskable interrupt request pin.
IRQ0 to IRQ7
Input
Maskable interrupt request pins.
GPT
GTETRGA,
GTETRGB
Input
External trigger input pin.
GTIOC0A to
GTIOC6A,
GTIOC0B to
GTIOC6B
I/O
Input capture, Output Compare, or PWM output pin.
GTIU
Input
Hall sensor input pin U.
GTIV
Input
Hall sensor input pin V.
GTIW
Input
Hall sensor input pin W.
GTOUUP
Output
Three-phase PWM output for BLDC motor control (positive U phase).
GTOULO
Output
Three-phase PWM output for BLDC motor control (negative U phase).
GTOVUP
Output
Three-phase PWM output for BLDC motor control (positive V phase).
GTOVLO
Output
Three-phase PWM output for BLDC motor control (negative V phase).
GTOWUP
Output
Three-phase PWM output for BLDC motor control (positive W phase).
GTOWLO
Output
Three-phase PWM output for BLDC motor control (negative W phase).
AGT
AGTEE0,
AGTEE1
Input
External event input enable.
AGTIO0, AGTIO1 I/O
External event input and pulse output.
AGTO0, AGTO1
Output
Pulse output.
AGTOA0,
AGTOA1
Output
Output compare match A output.
AGTOB0,
AGTOB1
Output
Output compare match B output.
RTC
RTCOUT
Output
Output pin for 1-Hz/64-Hz clock.


Similar Part No. - S124

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
S12400H NJSEMI-S12400H Datasheet
93Kb / 2P
   RMS on -state current
logo
Hamamatsu Corporation
S12426 HAMAMATSU-S12426 Datasheet
611Kb / 5P
   Low bias operation, high-speed Si APD for 900 nm
S12426 HAMAMATSU-S12426_15 Datasheet
611Kb / 5P
   Low bias operation, high-speed Si APD for 900 nm
S12443 HAMAMATSU-S12443_15 Datasheet
797Kb / 10P
   CMOS linear image sensor
More results

Similar Description - S124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com