Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R7FS5D97E3A01CFC Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R7FS5D97E3A01CFC
Description  Microcontroller
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FS5D97E3A01CFC Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R7FS5D97E3A01CFC Datasheet HTML 4Page - Renesas Technology Corp R7FS5D97E3A01CFC Datasheet HTML 5Page - Renesas Technology Corp R7FS5D97E3A01CFC Datasheet HTML 6Page - Renesas Technology Corp R7FS5D97E3A01CFC Datasheet HTML 7Page - Renesas Technology Corp R7FS5D97E3A01CFC Datasheet HTML 8Page - Renesas Technology Corp R7FS5D97E3A01CFC Datasheet HTML 9Page - Renesas Technology Corp R7FS5D97E3A01CFC Datasheet HTML 10Page - Renesas Technology Corp R7FS5D97E3A01CFC Datasheet HTML 11Page - Renesas Technology Corp R7FS5D97E3A01CFC Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 115 page
background image
R01DS0303EU0100 Rev.1.00
Page 8 of 115
Nov 3, 2016
S5D9
1. Overview
Table 1.8
Communication interfaces (1 of 2)
Feature
Functional description
Serial Communications Interface
(SCI)
The SCI is configurable to five asynchronous and synchronous serial interfaces:
 Asynchronous interfaces (UART and Asynchronous Communications Interface Adapter
(ACIA))
 8-bit clock synchronous interface
 Simple IIC (master-only)
 Simple SPI
 Smart card interface.
The smart card interface complies with the ISO/IEC 7816-3 standard for electronic signals and
transmission protocol.
Each SCI has FIFO buffers to enable continuous and full-duplex communication, and the data
transfer speed can be configured independently using an on-chip baud rate generator. See
section 34, Serial Communications Interface (SCI) in User's Manual.
IrDA Interface (IrDA)
The IrDA interface sends and receives IrDA data communication waveforms in cooperation
with the SCI1 based on the IrDA (Infrared Data Association) standard 1.0. See section 35,
IrDA Interface in User's Manual.
I2C Bus Interface (IIC)
The three-channel IIC conforms with and provides a subset of the NXP I2C bus (Inter-
Integrated Circuit bus) interface functions. See section 36, I2C Bus Interface (IIC) in User's
Manual.
Serial Peripheral Interface (SPI)
Two independent SPI channels are capable of high-speed, full-duplex synchronous serial
communications with multiple processors and peripheral devices. See section 38, Serial
Peripheral Interface (SPI) in User's Manual.
Serial Sound Interface Enhanced
(SSIE)
The Serial Sound Interface Enhanced (SSIE) peripheral provides functionality to interface with
digital audio devices for transmitting I2S 2ch, 4ch, 6ch, 8ch, WS Continue/Monaural/TDM
audio data over a serial bus. The SSIE supports an audio clock frequency of up to 50 MHz,
and can be operated as a slave or master receiver, transmitter, or transceiver to suit various
applications. The SSIE includes 32-stage FIFO buffers in the receiver and transmitter, and
supports interrupts and DMA-driven data reception and transmission. See section 41, Serial
Sound Interface Enhanced (SSIE) in User's Manual.
Quad Serial Peripheral Interface
(QSPI)
The QSPI is a memory controller for connecting a serial ROM (nonvolatile memory such as a
serial flash memory, serial EEPROM, or serial FeRAM) that has an SPI-compatible interface.
See section 39, Quad Serial Peripheral Interface (QSPI) in User's Manual.
CAN module (CAN)
The CAN module provides functionality to receive and transmit data using a message-based
protocol between multiple slaves and masters in electromagnetically-noisy applications.
The CAN module complies with the ISO 11898-1 (CAN 2.0A/CAN 2.0B) standard and supports
up to 32 mailboxes, which can be configured for transmission or reception in normal mailbox
and FIFO modes. Both standard (11-bit) and extended (29-bit) messaging formats are
supported. See section 37, Controller Area Network (CAN) Module in User's Manual.
USB 2.0 Full-Speed Module (USBFS) Full-Speed USB controller that can operate as a host controller or device controller. The
module supports full-speed and low-speed (host controller only) transfer as defined in
Universal Serial Bus Specification 2.0. The module has an internal USB transceiver and
supports all of the transfer types defined in Universal Serial Bus Specification 2.0.
The USB has buffer memory for data transfer, providing a maximum of 10 pipes. Pipes 1 to 9
can be assigned any endpoint number based on the peripheral devices used for
communication or based on your system. See section 32, USB 2.0 Full-Speed Module
(USBFS) in User's Manual.
USB 2.0 High-Speed Module
(USBHS)
High-Speed USB controller that can operate as a host controller or a device controller. As a
host controller, the USBHS supports high-speed transfer, full-speed transfer, and low-speed
transfer as defined in Universal Serial Bus Specification 2.0. As a device controller, the USBHS
supports high-speed transfer and full-speed transfer as defined in Universal Serial Bus
Specification 2.0. The USBHS has an internal USB transceiver and supports all of the transfer
types defined in Universal Serial Bus Specification 2.0.
The USBHS has FIFO buffers for data transfer, providing a maximum of 10 pipes. Any
endpoint number can be assigned to pipes 1 to 9, based on the peripheral devices or your
system for communication. See section 33, USB 2.0 High-Speed Module (USBHS) in User's
Manual.


Similar Part No. - R7FS5D97E3A01CFC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R7FS124762A01CLM RENESAS-R7FS124762A01CLM Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
R7FS124763A01CFL RENESAS-R7FS124763A01CFL Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
R7FS124763A01CFM RENESAS-R7FS124763A01CFM Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
R7FS124763A01CNB RENESAS-R7FS124763A01CNB Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
R7FS124763A01CNE RENESAS-R7FS124763A01CNE Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
More results

Similar Description - R7FS5D97E3A01CFC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com