Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F52317ADLA Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F52317ADLA
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
Download  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52317ADLA Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F52317ADLA Datasheet HTML 2Page - Renesas Technology Corp R5F52317ADLA Datasheet HTML 3Page - Renesas Technology Corp R5F52317ADLA Datasheet HTML 4Page - Renesas Technology Corp R5F52317ADLA Datasheet HTML 5Page - Renesas Technology Corp R5F52317ADLA Datasheet HTML 6Page - Renesas Technology Corp R5F52317ADLA Datasheet HTML 7Page - Renesas Technology Corp R5F52317ADLA Datasheet HTML 8Page - Renesas Technology Corp R5F52317ADLA Datasheet HTML 9Page - Renesas Technology Corp R5F52317ADLA Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 6 of 177
Oct 30, 2015
RX230 Group, RX231 Group
1. Overview
Table 1.2
Comparison of Functions for Different Packages
Module/Functions
RX230 Group
RX231 Group
100 Pins
64 Pins
48 Pins
100 Pins
64 Pins
48 Pins
External bus
External bus
16 bit
Not supported
16 bit
Not supported
Interrupts
External interrupts
NMI, IRQ0
to IRQ7
NMI, IRQ0
to IRQ2,
IRQ4 to
IRQ7
NMI, IRQ0,
IRQ1, IRQ4
to IRQ7
NMI, IRQ0
to IRQ7
NMI, IRQ0
to IRQ2,
IRQ4 to
IRQ7
NMI, IRQ0,
IRQ1, IRQ4
to IRQ7
DMA
DMA controller
4 channels (DMAC0 to DMAC3)
4 channels (DMAC0 to DMAC3)
Data transfer controller
Available
Available
Timers
16-bit timer pulse unit
6 channels (TPU0 to TPU5)
6 channels (TPU0 to TPU5)
Multi-function timer pulse unit 2
6 channels (MTU0 to MTU5)
6 channels (MTU0 to MTU5)
Port output enable 2
POE0# to POE3#, POE8#
POE0# to POE3#, POE8#
8-bit timer
2 channels× 2 units
2 channels× 2 units
Compare match timer
2 channels× 2 units
2 channels× 2 units
Low power timer
1 channel
1 channel
Realtime clock
Available
Not
supported
Available
Not
supported
Watchdog timer
Available
Available
Independent watchdog timer
Available
Available
Communication
functions
Serial communications
interfaces (SCIg)
6 channels
(SCI0, 1, 5,
6, 8, 9)
5 channels
(SCI1, 5, 6,
8, 9)
4 channels
(SCI1, 5, 6,
8)
6 channels
(SCI0, 1, 5,
6, 8, 9)
5 channels
(SCI1, 5, 6,
8, 9)
4 channels
(SCI1, 5, 6,
8)
IrDA interface
1 channel (SCI5)
1 channel (SCI5)
Serial communications
interfaces (SCIh)
1 channel (SCI12)
1 channel (SCI12)
I2C bus interface
1 channel
1 channel
CAN module
Not supported
1 channel
Serial peripheral interface
1 channel
1 channel
USB 2.0 host/function module
Not supported
1 channel
Serial sound interface
1 channel
1 channel
SD Host Interface
Not supported
1 channel
Capacitive touch sensing unit
24 channels 10 channels
6 channels
24 channels 10 channels
6 channels
12-bit A/D converter
(including high-precision channels)
24 channels
(8
channels)
12 channels
(6
channels)
8 channels
(4
channels)
24 channels
(8
channels)
12 channels
(6
channels)
8 channels
(4
channels)
Temperature sensor
Available
Available
D/A converter
2 channels
Not
supported
2 channels
Not
supported
CRC calculator
Available
Available
Event link controller
Available
Available
Comparator B
4 channels
4 channels
Packages
100-pin
TFLGA
100-pin
LFQFP
64-pin
WFLGA
64-pin
HWQFN
64-pin
LFQFP
48-pin
HWQFN
48-pin
LFQFP
100-pin
TFLGA
100-pin
LFQFP
64-pin
WFLGA
64-pin
HWQFN
64-pin
LFQFP
48-pin
HWQFN
48-pin
LFQFP


Similar Part No. - R5F52317ADLA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F52317ADLA RENESAS-R5F52317ADLA Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52317ADLA RENESAS-R5F52317ADLA Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
R5F52317ADLA#20 RENESAS-R5F52317ADLA#20 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results

Similar Description - R5F52317ADLA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
   54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX230 RENESAS-RX230_V01 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com