Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F51303AGFN Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # R5F51303AGFN
Description  32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51303AGFN Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button R5F51303AGFN Datasheet HTML 15Page - Renesas Technology Corp R5F51303AGFN Datasheet HTML 16Page - Renesas Technology Corp R5F51303AGFN Datasheet HTML 17Page - Renesas Technology Corp R5F51303AGFN Datasheet HTML 18Page - Renesas Technology Corp R5F51303AGFN Datasheet HTML 19Page - Renesas Technology Corp R5F51303AGFN Datasheet HTML 20Page - Renesas Technology Corp R5F51303AGFN Datasheet HTML 21Page - Renesas Technology Corp R5F51303AGFN Datasheet HTML 22Page - Renesas Technology Corp R5F51303AGFN Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 116 page
background image
R01DS0273EJ0100 Rev.1.00
Page 19 of 116
Oct 30, 2015
RX130 Group
1. Overview
Note 1. PC0 to PC3 are valid only when the port switching function is selected.
Note 2. The power source of the I/O buffer for these pins is AVCC0.
Table 1.7
List of Pins and Pin Functions (48-Pin LQFP/HWQFN)
Pin
No.
Power Supply, Clock,
System Control
I/O Port
Timers
(MTU, TMR, POE)
Communications
(SCIg, SCIh, RSPI, RIIC)
Touch
sensing
Others
1VCL
2MD
FINED
3
RES#
4XTAL
P37
5
VSS
6
EXTAL
P36
7VCC
8P35
NMI
9
P31
MTIOC4D/TMCI2
CTS1#/RTS1#/SS1#
TS1
IRQ1
10
P30
MTIOC4B/TMRI3/POE8#
RXD1/SMISO1/SSCL1
TS2
IRQ0
11
P27
MTIOC2B/TMCI3
SCK1
TS3
12
P26
MTIOC2A/TMO1
TXD1/SMOSI1/SSDA1
TS4
13
(5V tolerant)
P17
MTIOC3A/MTIOC3B/TMO1/
POE8#
SCK1/MISOA/SDA
IRQ7
14
(5V tolerant)
P16
MTIOC3C/MTIOC3D/TMO2
TXD1/SMOSI1/SSDA1/MOSIA/SCL
IRQ6/ADTRG0#
15
P15
MTIOC0B/MTCLKB/TMCI2
RXD1/SMISO1/SSCL1
TS5
IRQ5
16
P14
MTIOC3A/MTCLKA/TMRI2
CTS1#/RTS1#/SS1#
TS6
IRQ4
17
PH3
TMCI0
TS7
18
PH2
TMRI0
TS8
IRQ1
19
PH1
TMO0
TS9
IRQ0
20
PH0
TS10
CACREF
21
PC7
MTIOC3A/TMO2/MTCLKB
MISOA
TS13
CACREF
22
PC6
MTIOC3C/MTCLKA/TMCI2
MOSIA
TS14
23
PC5
MTIOC3B/MTCLKD/TMRI2
RSPCKA
TS15
24
PC4
MTIOC3D/MTCLKC/TMCI1/
POE0#
SCK5/SSLA0
TSCAP
25
PB5/PC3*1
MTIOC2A/MTIOC1B/TMRI1/
POE1#
TS20
26
PB3/PC2*1
MTIOC0A/MTIOC4A/TMO0/
POE3#
SCK6
TS22
27
PB1/PC1*1
MTIOC0C/MTIOC4C/TMCI0
TXD6/SMOSI6/SSDA6
TS24
IRQ4/CMPOB1
28
VCC
29
PB0/PC0*1
MTIC5W
RXD6/SMISO6/SSCL6/RSPCKA
TS25
30
VSS
31
PA6
MTIC5V/MTCLKB/TMCI3/
POE2#
CTS5#/RTS5#/SS5#/MOSIA
TS26
32
PA4
MTIC5U/MTCLKA/TMRI0
TXD5/SMOSI5/SSDA5/SSLA0
TS28
IRQ5/CVREFB1
33
PA3
MTIOC0D/MTCLKD
RXD5/SMISO5/SSCL5
TS29
IRQ6/CMPB1
34
PA1
MTIOC0B/MTCLKC
SCK5/SSLA2
TS31
35
PE4
MTIOC4D/MTIOC1A
TS33
AN020/CMPA2/
CLKOUT
36
PE3
MTIOC4B/POE8#
CTS12#/RTS12#
TS34
AN019/CLKOUT
37
PE2
MTIOC4A
RXD12/RXDX12/SSCL12
TS35
IRQ7/AN018/CVREFB0
38
PE1
MTIOC4C
TXD12/TXDX12/SIOX12/SSDA12
AN017/CMPB0
39
P47*2
AN007
40
P46*2
AN006
41
P45*2
AN005
42
P42*2
AN002
43
P41*2
AN001
44
VREFL0
PJ7*2
45
P40*2
AN000
46
VREFH0
PJ6*2
47
AVCC0
48
AVSS0


Similar Part No. - R5F51303AGFN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F51303AGFN RENESAS-R5F51303AGFN Datasheet
2Mb / 134P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 512-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 6 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply
Aug 09, 2018
R5F51303AGFN30 RENESAS-R5F51303AGFN30 Datasheet
2Mb / 134P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 512-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 6 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply
Aug 09, 2018
More results

Similar Description - R5F51303AGFN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com