Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F51305AGFL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F51305AGFL
Description  32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51305AGFL Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F51305AGFL Datasheet HTML 1Page - Renesas Technology Corp R5F51305AGFL Datasheet HTML 2Page - Renesas Technology Corp R5F51305AGFL Datasheet HTML 3Page - Renesas Technology Corp R5F51305AGFL Datasheet HTML 4Page - Renesas Technology Corp R5F51305AGFL Datasheet HTML 5Page - Renesas Technology Corp R5F51305AGFL Datasheet HTML 6Page - Renesas Technology Corp R5F51305AGFL Datasheet HTML 7Page - Renesas Technology Corp R5F51305AGFL Datasheet HTML 8Page - Renesas Technology Corp R5F51305AGFL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 116 page
background image
Datasheet
R01DS0273EJ0100 Rev.1.00
Page 1 of 116
Oct 30, 2015
RX130 Group
Renesas MCUs
Features
■ 32-bit RX CPU core
 Max. operating frequency: 32 MHz
Capable of 50 DMIPS in operation at 32 MHz
 Accumulator handles 64-bit results (for a single instruction) from
32-bit × 32-bit operations
 Multiplication and division unit handles 32-bit × 32-bit operations
(multiplication instructions take one CPU clock cycle)
 Fast interrupt
 CISC Harvard architecture with 5-stage pipeline
 Variable-length instructions, ultra-compact code
 On-chip debugging circuit
■ Low power design and architecture
 Operation from a single 1.8-V to 5.5-V supply
 Three low power consumption modes
 Low power timer (LPT) that operates during the software standby state
 Supply current
High-speed operating mode: 96
A/MHz
Supply current in software standby mode: 0.37
A
 Recovery time from software standby mode: 4.8 s
■ On-chip flash memory for code, no wait states
 Operation at 32 MHz, read cycle of 31.25 ns
 No wait states for reading at full CPU speed
 Programmable at 1.8 V
 For instructions and operands
■ On-chip data flash memory
 8 Kbytes (1,000,000 program/erase cycles (typ.))
 BGO (Background Operation)
■ On-chip SRAM, no wait states
 10- to 16-Kbyte size capacities
■ DTC
 Four transfer modes
 Transfer can be set for each interrupt source.
■ ELC
 Module operation can be initiated by event signals without using
interrupts.
 Linked operation between modules is possible while the CPU is sleeping.
■ Reset and supply management
 Eight types of reset, including the power-on reset (POR)
 Low voltage detection (LVD) with voltage settings
Clock functions
 External clock input frequency: Up to 20 MHz
 Main clock oscillator frequency: 1 to 20 MHz
 Sub clock oscillator frequency: 32.768 kHz
 PLL circuit input: 4 MHz to 8 MHz
 Low-speed on-chip oscillator: 4 MHz
 High-speed on-chip oscillator: 32 MHz ± 1 %
 IWDT-dedicated on-chip oscillator: 15 kHz
 Generate a 32.768 kHz clock for the real-time clock
 On-chip clock frequency accuracy measurement circuit (CAC)
■ Realtime clock
 Adjustment functions (30 seconds, leap year, and error)
 Calendar count mode or binary count mode selectable
■ Independent watchdog timer
 15-kHz on-chip oscillator produces a dedicated clock signal to drive
IWDT operation.
■ Useful functions for IEC60730 compliance
 Self-diagnostic and disconnection-detection assistance functions for
the A/D converter, clock frequency accuracy measurement circuit,
independent watchdog timer, RAM test assistance functions using the
DOC, etc.
■ MPC
 Input/output functions selectable from multiple pins
■ Up to 6 communication functions
 SCI with many useful functions (up to 4 channels)
Asynchronous mode (Fine adjustable baud rate: 0 to 255/255), clock
synchronous mode, smart card interface mode
 I2C bus interface: Transfer at up to 400 kbps, capable of SMBus
operation (one channel)
 RSPI (one channel): Transfer at up to 16 Mbps
■ Up to 12 extended-function timersMPC
 16-bit MTU: input capture, output compare, complementary PWM
output, phase counting mode (six channels)
 8-bit TMR (four channels)
 16-bit compare-match timers (two channels)
■ 12-bit A/D converter
 Capable of conversion within 1.4 μs
 17 channels
 Sampling time can be set for each channel
 Conversion results compare features
 Self-diagnostic function and analog input disconnection detection
assistance function
 Double trigger (data duplication) function for motor control
■ D/A converter
 Two channels
■ Capacitive touch sensing unit
 Self-capacitance method: A single pin configures a single key,
supporting up to 36 keys
 Mutual capacitance method: Matrix configuration with 36pins, supporting
up to 324 keys
■ Comparator B
 Two channels
■ General I/O ports
 5-V tolerant, open drain, input pull-up, switching of driving capacity
■ Temperature sensor
■ Unique ID
 32-byte ID code for the MCU
■ Operating temperature range
40 to +85C
40 to +105C
■ Applications
 General industrial and consumer equipment
PLQP0080KB-B 12 × 12mm, 0.5mm pitch
PLQP0064GA-A 14 × 14mm, 0.8mm pitch
PLQP0064KB-C 10 × 10mm, 0.5mm pitch
PLQP0048KB-B
7 × 7mm, 0.5mm pitch
PWQN0048KB-A 7 × 7mm, 0.5mm pitch
32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory,
up to 36 pins capacitive touch sensing unit, up to 6 comms channels, 12-bit A/D, D/A, RTC,
IEC60730 compliance, 1.8-V to 5.5-V single supply
R01DS0273EJ0100
Rev.1.00
Oct 30, 2015


Similar Part No. - R5F51305AGFL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F51305AGFL RENESAS-R5F51305AGFL Datasheet
2Mb / 134P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 512-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 6 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply
Aug 09, 2018
R5F51305AGFL30 RENESAS-R5F51305AGFL30 Datasheet
2Mb / 134P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 512-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 6 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply
Aug 09, 2018
More results

Similar Description - R5F51305AGFL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com