Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1812C683KBRACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1812C683KBRACTU
Description  Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.068 uF, /-10% Tol, 630 V, X7R, 1812 (4532 metric)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812C683KBRACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1812C683KBRACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/22/2016 - afaba618-ee8c-4579-97c2-a5c63c7c9a5b
KEMET Part Number: C1812C683KBRACTU
(C1812C683KBRAC7800)
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.068 uF, +/-10% Tol, 630 V, X7R, 1812 (4532 metric)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
4.5
+/-0.3
W
3.2
+/-0.3
T
1.3
+/-0.10
B
0.6
+/-0.35
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Plastic Tape
Package Quantity: 1000
General Information
Supplier: KEMET
Application: Standard Chip
Chip Size: 1812 (4532 metric)
Temperature Coefficient: X7R
Part Type Description: SMD, MLCC, High Voltage,
Temperature Stable
Termination Type: Tin (Sn)
Marked: No
RoHS: Yes
Specifications
Capacitance: 0.068 uF
Voltage: 630 V
Tolerance: +/-10%
Temperature Range: -55/+125C
Dissipation Factor: 2.5%
Failure Rate: N/A
Aging Rate: 3% loss/decade hour
Insulation Resistance: 1.47 GOhm
Dielectric Strength: 945 V
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1812C683KBRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C683KBRACAUTO KEMET-C1812C683KBRACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R HV, Ceramic, 0.068 uF, 10%, 630 V, 1812, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade
More results

Similar Description - C1812C683KBRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C104KBRACTU KEMET-C1812C104KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.1 uF, /-10% Tol, 630 V, X7R, 1812 (4532 metric)
C1812C103KFRACTU KEMET-C1812C103KFRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.01 uF, /-10% Tol, 1500 V, X7R, 1812 (4532 metric)
C1812C334KCRACTU KEMET-C1812C334KCRACTU_17 Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.33 uF, /-10% Tol, 500 V, X7R, 1812 (4532 metric)
C1812C104KCRACTU KEMET-C1812C104KCRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.1 uF, /-10% Tol, 500 V, X7R, 1812 (4532 metric)
C1812C334KCRACTU KEMET-C1812C334KCRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.33 uF, /-10% Tol, 500 V, X7R, 1812 (4532 metric)
C1812C104KBRACAUTO KEMET-C1812C104KBRACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temp Stable, Auto Grade, 0.1 uF, /-10% Tol, 630 V, X7R, 1812 (4532 metric)
C1812C105K1RACTU KEMET-C1812C105K1RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 1 uF, /-10% Tol, 100 V, X7R, 1812 (4532 metric)
C1812C474KARACTU KEMET-C1812C474KARACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Tip & Ring, Temperature Stable, 0.47 uF, /-10% Tol, 250 V, X7R, 1812 (4532 metric)
C1812C102KDRACTU KEMET-C1812C102KDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 1000 pF, /-10% Tol, 1000 V, X7R, 1812 (4532 metric)
C1812C224K5RACTU KEMET-C1812C224K5RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.22 uF, /-10% Tol, 50 V, X7R, 1812 (4532 metric)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com