Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F5110JADNE Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # R5F5110JADNE
Description  32 MHz 32-bit RX MCUs, 50 DMIPS
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5110JADNE Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button R5F5110JADNE Datasheet HTML 39Page - Renesas Technology Corp R5F5110JADNE Datasheet HTML 40Page - Renesas Technology Corp R5F5110JADNE Datasheet HTML 41Page - Renesas Technology Corp R5F5110JADNE Datasheet HTML 42Page - Renesas Technology Corp R5F5110JADNE Datasheet HTML 43Page - Renesas Technology Corp R5F5110JADNE Datasheet HTML 44Page - Renesas Technology Corp R5F5110JADNE Datasheet HTML 45Page - Renesas Technology Corp R5F5110JADNE Datasheet HTML 46Page - Renesas Technology Corp R5F5110JADNE Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 108 page
background image
R01DS0202EJ0120 Rev.1.20
Page 43 of 108
Jul 29, 2016
RX110 Group
4. I/O Registers
0008 C1CAh
MPC
PH2 Pin Function Control Register
PH2PFS
8
8
2 or 3 PCLKB
0008 C1CBh
MPC
PH3 Pin Function Control Register
PH3PFS
8
8
2 or 3 PCLKB
0008 C1D6h
MPC
PJ6 Pin Function Control Register
PJ6PFS
8
8
2 or 3 PCLKB
0008 C1D7h
MPC
PJ7 Pin Function Control Register
PJ7PFS
8
8
2 or 3 PCLKB
0008 C290h
SYSTEM
Reset Status Register 0
RSTSR0
8
8
4 or 5 PCLKB
0008 C291h
SYSTEM
Reset Status Register 1
RSTSR1
8
8
4 or 5 PCLKB
0008 C293h
SYSTEM
Main Clock Oscillator Forced Oscillation Control Register
MOFCR
8
8
4 or 5 PCLKB
0008 C297h
SYSTEM
Voltage Monitoring Circuit Control Register
LVCMPCR
8
8
4 or 5 PCLKB
0008 C298h
SYSTEM
Voltage Detection Level Select Register
LVDLVLR
8
8
4 or 5 PCLKB
0008 C29Ah
SYSTEM
Voltage Monitoring 1 Circuit Control Register 0
LVD1CR0
8
8
4 or 5 PCLKB
0008 C29Bh
SYSTEM
Voltage Monitoring 2 Circuit Control Register 0
LVD2CR0
8
8
4 or 5 PCLKB
0008 C400h
RTC
64-Hz Counter
R64CNT
8
8
2 or 3 PCLKB
0008 C402h
RTC
Second Counter
RSECCNT
8
8
2 or 3 PCLKB
0008 C402h
RTC
Binary Counter 0
BCNT0
8
8
2 or 3 PCLKB
0008 C404h
RTC
Minute Counter
RMINCNT
8
8
2 or 3 PCLKB
0008 C404h
RTC
Binary Counter 1
BCNT1
8
8
2 or 3 PCLKB
0008 C406h
RTC
Hour Counter
RHRCNT
8
8
2 or 3 PCLKB
0008 C406h
RTC
Binary Counter 2
BCNT2
8
8
2 or 3 PCLKB
0008 C408h
RTC
Day-Of-Week Counter
RWKCNT
8
8
2 or 3 PCLKB
0008 C408h
RTC
Binary Counter 3
BCNT3
8
8
2 or 3 PCLKB
0008 C40Ah
RTC
Date Counter
RDAYCNT
8
8
2 or 3 PCLKB
0008 C40Ch
RTC
Month Counter
RMONCNT
8
8
2 or 3 PCLKB
0008 C40Eh
RTC
Year Counter
RYRCNT
16
16
2 or 3 PCLKB
0008 C410h
RTC
Second Alarm Register
RSECAR
8
8
2 or 3 PCLKB
0008 C410h
RTC
Binary Counter 0 Alarm Register
BCNT0AR
8
8
2 or 3 PCLKB
0008 C412h
RTC
Minute Alarm Register
RMINAR
8
8
2 or 3 PCLKB
0008 C412h
RTC
Binary Counter 1 Alarm Register
BCNT1AR
8
8
2 or 3 PCLKB
0008 C414h
RTC
Hour Alarm Register
RHRAR
8
8
2 or 3 PCLKB
0008 C414h
RTC
Binary Counter 2 Alarm Register
BCNT2AR
8
8
2 or 3 PCLKB
0008 C416h
RTC
Day-of-Week Alarm Register
RWKAR
8
8
2 or 3 PCLKB
0008 C416h
RTC
Binary Counter 3 Alarm Register
BCNT3AR
8
8
2 or 3 PCLKB
0008 C418h
RTC
Date Alarm Register
RDAYAR
8
8
2 or 3 PCLKB
0008 C418h
RTC
Binary Counter 0 Alarm Enable Register
BCNT0AER
8
8
2 or 3 PCLKB
0008 C41Ah
RTC
Month Alarm Register
RMONAR
8
8
2 or 3 PCLKB
0008 C41Ah
RTC
Binary Counter 1 Alarm Enable Register
BCNT1AER
8
8
2 or 3 PCLKB
0008 C41Ch
RTC
Year Alarm Register
RYRAR
16
16
2 or 3 PCLKB
0008 C41Ch
RTC
Binary Counter 2 Alarm Enable Register
BCNT2AER
16
16
2 or 3 PCLKB
0008 C41Eh
RTC
Year Alarm Enable Register
RYRAREN
8
8
2 or 3 PCLKB
0008 C41Eh
RTC
Binary Counter 3 Alarm Enable Register
BCNT3AER
8
8
2 or 3 PCLKB
0008 C422h
RTC
RTC Control Register 1
RCR1
8
8
2 or 3 PCLKB
0008 C424h
RTC
RTC Control Register 2
RCR2
8
8
2 or 3 PCLKB
0008 C426h
RTC
RTC Control Register 3
RCR3
8
8
2 or 3 PCLKB
0008 C42Eh
RTC
Time Error Adjustment Register
RADJ
8
8
2 or 3 PCLKB
007F C0ACh
TEMPS
Temperature Sensor Calibration Data Register
TSCDRL
8
8
1 or 2 PCLKB
007F C0ADh
TEMPS
Temperature Sensor Calibration Data Register
TSCDRH
8
8
1 or 2 PCLKB
007F C0B0h
FLASH
Flash Start-Up Setting Monitor Register
FSCMR
16
16
2 or 3 FCLK
007F C0B2h
FLASH
Flash Access Window Start Address Monitor
FAWSMR
16
16
2 or 3 FCLK
007F C0B4h
FLASH
Flash Access Window End Address Monitor Register
FAWEMR
16
16
2 or 3 FCLK
007F C0B6h
FLASH
Flash Initial Setting Register
FISR
8
8
2 or 3 FCLK
007F C0B7h
FLASH
Flash Extra Area Control Register
FEXCR
8
8
2 or 3 FCLK
007F C0B8h
FLASH
Flash Error Address Monitor Register L
FEAML
16
16
2 or 3 FCLK
007F C0BAh
FLASH
Flash Error Address Monitor Register H
FEAMH
8
8
2 or 3 FCLK
Table 4.1
List of I/O Registers (Address Order) (12/13)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access States


Similar Part No. - R5F5110JADNE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F5110JAGFK RENESAS-R5F5110JAGFK Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
R5F5110JAGFK#30 RENESAS-R5F5110JAGFK#30 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
R5F5110JAGFL RENESAS-R5F5110JAGFL Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
R5F5110JAGFL#30 RENESAS-R5F5110JAGFL#30 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
R5F5110JAGFM RENESAS-R5F5110JAGFM Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
More results

Similar Description - R5F5110JADNE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
logo
NXP Semiconductors
LPC11C00 NXP-LPC11C00 Datasheet
290Kb / 2P
   NXP 50-MHz, 32-bit Cortex-M0??MCUs
January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com