Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLQP0100KB-A Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PLQP0100KB-A
Description  32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0100KB-A Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PLQP0100KB-A Datasheet HTML 7Page - Renesas Technology Corp PLQP0100KB-A Datasheet HTML 8Page - Renesas Technology Corp PLQP0100KB-A Datasheet HTML 9Page - Renesas Technology Corp PLQP0100KB-A Datasheet HTML 10Page - Renesas Technology Corp PLQP0100KB-A Datasheet HTML 11Page - Renesas Technology Corp PLQP0100KB-A Datasheet HTML 12Page - Renesas Technology Corp PLQP0100KB-A Datasheet HTML 13Page - Renesas Technology Corp PLQP0100KB-A Datasheet HTML 14Page - Renesas Technology Corp PLQP0100KB-A Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 131 page
background image
R01DS0216EJ0110 Rev.1.10
Page 11 of 131
Mar 31, 2016
RX113 Group
1. Overview
Serial
communications
interface (SCIf)
Asynchronous mode/clock synchronous mode
SCK12
I/O
Input/output pin for the clock.
RXD12
Input
Input pin for receiving data.
TXD12
Output
Output pin for transmitting data.
CTS12#
Input
Input pin for controlling the start of transmission and reception.
RTS12#
Output
Output pin for controlling the start of transmission and reception.
Simple I2C mode
SSCL12
I/O
Input/output pin for the I2C clock.
SSDA12
I/O
Input/output pin for the I2C data.
Simple SPI mode
SCK12
I/O
Input/output pin for the clock.
SMISO12
I/O
Input/output pin for slave transmit data.
SMOSI12
I/O
Input/output pin for master transmit data.
SS12#
Input
Chip-select input pin.
Extended serial mode
RXDX12
Input
Input pin for data reception by SCIf.
TXDX12
Output
Output pin for data transmission by SCIf.
SIOX12
I/O
Input/output pin for data reception or transmission by SCIf.
I2C bus interface
SCL0
I/O
Input/output pin for I2C bus interface clocks. Bus can be directly driven by
the N-channel open drain output.
SDA0
I/O
Input/output pin for I2C bus interface data. Bus can be directly driven by
the N-channel open drain output.
Serial peripheral
interface
RSPCKA
I/O
Input/output pin for the RSPI clock.
MOSIA
I/O
Input/output pin for transmitting data from the RSPI master.
MISOA
I/O
Input/output pin for transmitting data from the RSPI slave.
SSLA0
I/O
Input/output pin to select the slave for the RSPI.
SSLA1 to SSLA3
Output
Output pins to select the slave for the RSPI.
Serial sound
interface
SSISCK0
I/O
SSI serial bit clock pin.
SSIWS
I/O
Word selection pin.
SSITXD0
Output
Serial data output pin.
SSIRXD0
Input
Serial data input pin.
AUDIO_MCLK
Input
Master clock pin for audio.
USB 2.0 host/
function module
USB0_DP
I/O
D+ I/O pin of the USB on-chip transceiver.
USB0_DM
I/O
D- I/O pin of the USB on-chip transceiver.
USB0_VBUS
Input
USB cable connection monitor pin.
USB0_EXICEN
Output
Low-power control signal for the OTG chip.
USB0_VBUSEN
Output
VBUS (5 V) supply enable signal for the OTG chip.
USB0_OVRCURA,
USB0_OVRCURB
Input
External overcurrent detection pins.
USB0_ID
Input
Mini-AB connector ID input pin during operation in OTG mode.
12-bit A/D
converter
AN000 to AN015, AN021
Input
Input pins for the analog signals to be processed by the A/D converter.
ADTRG0#
Input
Input pin for the external trigger signals that start the A/D conversion.
12-bit D/A
converter
DA0, DA1
Output
Output pins for the analog signals to be processed by the D/A converter.
Table 1.4
Pin Functions (3/4)
Classifications
Pin Name
I/O
Description


Similar Part No. - PLQP0100KB-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PLQP0100KB-A RENESAS-PLQP0100KB-A Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
PLQP0100KB-A RENESAS-PLQP0100KB-A Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
More results

Similar Description - PLQP0100KB-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com