Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLQP0100KB-A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PLQP0100KB-A
Description  32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0100KB-A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PLQP0100KB-A Datasheet HTML 6Page - Renesas Technology Corp PLQP0100KB-A Datasheet HTML 7Page - Renesas Technology Corp PLQP0100KB-A Datasheet HTML 8Page - Renesas Technology Corp PLQP0100KB-A Datasheet HTML 9Page - Renesas Technology Corp PLQP0100KB-A Datasheet HTML 10Page - Renesas Technology Corp PLQP0100KB-A Datasheet HTML 11Page - Renesas Technology Corp PLQP0100KB-A Datasheet HTML 12Page - Renesas Technology Corp PLQP0100KB-A Datasheet HTML 13Page - Renesas Technology Corp PLQP0100KB-A Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 131 page
background image
R01DS0216EJ0110 Rev.1.10
Page 10 of 131
Mar 31, 2016
RX113 Group
1. Overview
Port output
enable 2
POE0# to POE3#, POE8#
Input
Input pins for request signals to place the MTU pins in the high impedance
state.
Realtime clock
RTCOUT
Output
Output pin for the 1-Hz/64-Hz clock.
8-bit timer
TMO0 to TMO3
Output
Compare match output pins.
TMCI0 to TMCI3
Input
Input pins for the external clock to be input to the counter.
TMRI0 to TMRI3
Input
Counter reset input pins.
Serial
communications
interface (SCIe)
Asynchronous mode/clock synchronous mode
SCK0, SCK1, SCK2, SCK5,
SCK6, SCK8, SCK9
I/O
Input/output pins for the clock.
RXD0, RXD1, RXD2, RXD5,
RXD6, RXD8, RXD9
Input
Input pins for received data.
TXD0, TXD1, TXD2, TXD5,
TXD6, TXD8, TXD9
Output
Output pins for transmitted data.
CTS0#, CTS1#, CTS2#,
CTS5#, CTS6#, CTS8#,
CTS9#
Input
Input pins for controlling the start of transmission and reception.
RTS0#, RTS1#, RTS2#,
RTS5#, RTS6#, RTS8#,
RTS9#
Output
Output pins for controlling the start of transmission and reception.
Simple I2C mode
SSCL0, SSCL1, SSCL2,
SSCL5, SSCL6, SSCL8,
SSCL9
I/O
Input/output pins for the I2C clock.
SSDA0, SSDA1, SSDA2,
SSDA5, SSDA6, SSDA8,
SSDA9
I/O
Input/output pins for the I2C data.
Simple SPI mode
SCK0, SCK1, SCK2, SCK5,
SCK6, SCK8, SCK9
I/O
Input/output pins for the clock.
SMISO0, SMISO1, SMISO2,
SMISO5, SMISO6, SMISO8,
SMISO9
I/O
Input/output pins for slave transmit data.
SMOSI0, SMOSI1, SMOSI2,
SMOSI5, SMOSI6, SMOSI8,
SMOSI9
I/O
Input/output pins for master transmit data.
SS0#, SS1#, SS2#, SS5#,
SS6#, SS8#, SS9#
Input
Chip-select input pins.
IrDA interface
IRTXD5
Output
Data output pin in the IrDA format.
IRRXD5
Input
Data input pin in the IrDA format.
Table 1.4
Pin Functions (2/4)
Classifications
Pin Name
I/O
Description


Similar Part No. - PLQP0100KB-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PLQP0100KB-A RENESAS-PLQP0100KB-A Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
PLQP0100KB-A RENESAS-PLQP0100KB-A Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
More results

Similar Description - PLQP0100KB-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com