Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSD273TA Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # FSD273TA
Description  SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FSD273TA Datasheet(HTML) 4 Page - Zetex Semiconductors

  FSD273TA Datasheet HTML 1Page - Zetex Semiconductors FSD273TA Datasheet HTML 2Page - Zetex Semiconductors FSD273TA Datasheet HTML 3Page - Zetex Semiconductors FSD273TA Datasheet HTML 4Page - Zetex Semiconductors FSD273TA Datasheet HTML 5Page - Zetex Semiconductors FSD273TA Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ORDER CODES AND PART MARKING
FSD273 is a band selected version of the ZMDC953. Product is supplied in reels containing a
single capacitance band. Shipments of several reels may contain reels of different bands. It is
not possible for customers to specify a particular band, because availability is process depend-
ent.
950 series
ISSUE 2 - MAY 2002
4
SOT323
SOD523
ORDER CODE
PART
MARK
ORDER CODE
PART
MARK
ZV950V2TA
50
ZV952V2TA
52
ZV953V2TA
53
ZMDC953TA
54
FSD273TA
55
Band A
FSD273TA
56
Band B
FSD273TA
57
Band C
REEL CODE
REEL SIZE
TAPE WIDTH
QUANTITY PER REEL
TA
7 inch (180mm)
8mm
3000
TAPE AND REEL INFORMATION


Similar Part No. - FSD273TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FSD270 ZETEX-FSD270 Datasheet
156Kb / 5P
   SILICON DUAL VARIABLE CAPACITANCE DIODE
FSD270TA ZETEX-FSD270TA Datasheet
156Kb / 5P
   SILICON DUAL VARIABLE CAPACITANCE DIODE
More results

Similar Description - FSD273TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC930 ZETEX-ZC930 Datasheet
123Kb / 6P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZC829ATA ZETEX-ZC829ATA Datasheet
334Kb / 8P
   Silicon 25V hyperabrupt varactor diodes
ZMV829ATA ZETEX-ZMV829ATA Datasheet
151Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZV831 ZETEX-ZV831 Datasheet
93Kb / 6P
   SILICON 25V HYPERABRUPT VARACTOR DIODES
ZC930 ZETEX-ZC930_07 Datasheet
75Kb / 7P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZC829 ZETEX-ZC829 Datasheet
97Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
logo
Tyco Electronics
MA4ST1300 MACOM-MA4ST1300 Datasheet
81Kb / 5P
   Low Voltage/Low Rs Silicon Hyperabrupt Varactor Diode
logo
M/A-COM Technology Solu...
MAVR-0003 MA-COM-MAVR-0003_15 Datasheet
748Kb / 5P
   Varactor Diodes, Si Hyperabrupt Low-Voltage / Wide Band
MA4ST1300 MA-COM-MA4ST1300_15 Datasheet
86Kb / 5P
   Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
MA4ST1300 MA-COM-MA4ST1300 Datasheet
85Kb / 5P
   Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com