Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWQN0048KB-A Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PWQN0048KB-A
Description  32 MHz 32-bit RX MCUs, 50 DMIPS
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PWQN0048KB-A Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PWQN0048KB-A Datasheet HTML 7Page - Renesas Technology Corp PWQN0048KB-A Datasheet HTML 8Page - Renesas Technology Corp PWQN0048KB-A Datasheet HTML 9Page - Renesas Technology Corp PWQN0048KB-A Datasheet HTML 10Page - Renesas Technology Corp PWQN0048KB-A Datasheet HTML 11Page - Renesas Technology Corp PWQN0048KB-A Datasheet HTML 12Page - Renesas Technology Corp PWQN0048KB-A Datasheet HTML 13Page - Renesas Technology Corp PWQN0048KB-A Datasheet HTML 14Page - Renesas Technology Corp PWQN0048KB-A Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 108 page
background image
R01DS0202EJ0120 Rev.1.20
Page 11 of 108
Jul 29, 2016
RX110 Group
1. Overview
Serial
communications
interface (SCIe)
Simple I2C mode
SSCL1, SSCL5
I/O
Input/output pins for the I2C clock.
SSDA1, SSDA5
I/O
Input/output pins for the I2C data.
Simple SPI mode
SCK1, SCK5
I/O
Input/output pins for the clock.
SMISO1, SMISO5
I/O
Input/output pins for slave transmit data.
SMOSI1, SMOSI5
I/O
Input/output pins for master transmit data.
SS1#, SS5#
Input
Chip-select input pins.
Serial
communications
interface (SCIf)
Asynchronous mode/clock synchronous mode
SCK12
I/O
Input/output pin for the clock.
RXD12
Input
Input pin for receiving data.
TXD12
Output
Output pin for transmitting data.
CTS12#
Input
Input pin for controlling the start of transmission and reception.
RTS12#
Output
Output pin for controlling the start of transmission and reception.
Simple I2C mode
SSCL12
I/O
Input/output pin for the I2C clock.
SSDA12
I/O
Input/output pin for the I2C data.
Simple SPI mode
SCK12
I/O
Input/output pin for the clock.
SMISO12
I/O
Input/output pin for slave transmit data.
SMOSI12
I/O
Input/output pin for master transmit data.
SS12#
Input
Chip-select input pin.
Extended serial mode
RXDX12
Input
Input pin for data reception by SCIf.
TXDX12
Output
Output pin for data transmission by SCIf.
SIOX12
I/O
Input/output pin for data reception or transmission by SCIf.
I2C bus interface
SCL0
I/O
Input/output pin for I2C bus interface clocks. Bus can be directly driven by
the N-channel open drain output.
SDA0
I/O
Input/output pin for I2C bus interface data. Bus can be directly driven by the
N-channel open drain output.
Serial peripheral
interface
RSPCKA
I/O
Input/output pin for the RSPI clock.
MOSIA
I/O
Input/output pin for transmitting data from the RSPI master.
MISOA
I/O
Input/output pin for transmitting data from the RSPI slave.
SSLA0
I/O
Input/output pin to select the slave for the RSPI.
SSLA1 to SSLA3
Output
Output pins to select the slave for the RSPI.
12-bit A/D
converter
AN000 to AN004, AN006,
AN008 to AN015
Input
Input pins for the analog signals to be processed by the A/D converter.
ADTRG0#
Input
Input pin for the external trigger signals that start the A/D conversion.
I/O ports
P03, P05
I/O
2-bit input/output pins.
P14 to P17
I/O
4-bit input/output pins.
P26, P27
I/O
2-bit input/output pins.
P30 to P32, P35
I/O
4-bit input/output pins (P35 input pin).
P40 to P44, P46
I/O
6-bit input/output pins.
P54, P55
I/O
2-bit input/output pins.
PA0, PA1, PA3, PA4, PA6
I/O
5-bit input/output pins.
PB0, PB1, PB3, PB5 to PB7
I/O
6-bit input/output pins.
Table 1.4
Pin Functions (2/3)
Classifications
Pin Name
I/O
Description


Similar Part No. - PWQN0048KB-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PWQN0048KB-A RENESAS-PWQN0048KB-A Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
PWQN0048KB-A RENESAS-PWQN0048KB-A Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PWQN0048KB-A RENESAS-PWQN0048KB-A Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
PWQN0048KB-A RENESAS-PWQN0048KB-A Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PWQN0048KB-A RENESAS-PWQN0048KB-A Datasheet
1Mb / 100P
   32-Bit MCU Renesas Advanced (RA) Family Renesas RA2 Series
More results

Similar Description - PWQN0048KB-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
logo
NXP Semiconductors
LPC11C00 NXP-LPC11C00 Datasheet
290Kb / 2P
   NXP 50-MHz, 32-bit Cortex-M0??MCUs
January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com