Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLQP0064GA-A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PLQP0064GA-A
Description  32 MHz 32-bit RX MCUs, 50 DMIPS
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0064GA-A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PLQP0064GA-A Datasheet HTML 6Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 7Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 8Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 9Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 10Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 11Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 12Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 13Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
R01DS0202EJ0120 Rev.1.20
Page 10 of 108
Jul 29, 2016
RX110 Group
1. Overview
1.4
Pin Functions
Table 1.4 lists the pin functions.
Table 1.4
Pin Functions (1/3)
Classifications
Pin Name
I/O
Description
Power supply
VCC
Input
Power supply pin. Connect it to the system power supply.
VCL
Connect this pin to the VSS pin via the 4.7
μF smoothing capacitor used to
stabilize the internal power supply. Place the capacitor close to the pin.
VSS
Input
Ground pin. Connect it to the system power supply (0 V).
Analog power
supply
AVCC0
Input
Analog voltage supply pin for the 12-bit A/D converter. Connect this pin to
VCC when not using the 12-bit A/D converter.
AVSS0
Input
Analog ground pin for the 12-bit A/D converter. Connect this pin to VSS
when not using the 12-bit A/D converter.
VREFH0
Input
Analog reference voltage supply pin for the 12-bit A/D converter. Connect
this pin to VCC when not using the 12-bit A/D converter.
VREFL0
Input
Analog reference ground pin for the 12-bit A/D converter. Connect this pin
to VSS when not using the 12-bit A/D converter.
Clock
XTAL
Output/
Input *1
Pins for connecting a crystal resonator. An external clock can be input
through the XTAL pin.
EXTAL
Input
XCIN
Input
Input/output pins for the sub-clock oscillator. Connect a crystal resonator
between XCIN and XCOUT.
XCOUT
Output
CLKOUT
Output
Clock output pin.
Operating mode
control
MD
Input
Pin for setting the operating mode. The signal levels on this pin must not be
changed during operation.
System control
RES#
Input
Reset pin. This LSI enters the reset state when this signal goes low.
CAC
CACREF
Input
Input pin for the clock frequency accuracy measurement circuit.
On-chip
emulator
FINED
I/O
FINE interface pin.
LVD
CMPA2
Input
Detection target voltage pin for voltage detection 2.
Interrupts
NMI
Input
Non-maskable interrupt request pin.
IRQ0 to IRQ7
Input
Interrupt request pins.
Multi-function
timer pulse unit 2
MTIOC0A, MTIOC0B
MTIOC0C, MTIOC0D
I/O
The TGRA0 to TGRD0 input capture input/output compare output/PWM
output pins.
MTIOC1A, MTIOC1B
I/O
The TGRA1 and TGRB1 input capture input/output compare output/PWM
output pins.
MTIOC2A, MTIOC2B
I/O
The TGRA2 and TGRB2 input capture input/output compare output/PWM
output pins.
MTIC5U, MTIC5V, MTIC5W
Input
The TGRU5, TGRV5, and TGRW5 input capture input/external pulse input
pins.
MTCLKA, MTCLKB,
MTCLKC, MTCLKD
Input
Input pins for the external clock.
Realtime clock
RTCOUT
Output
Output pin for the 1-Hz/64-Hz clock.
Serial
communications
interface (SCIe)
Asynchronous mode/clock synchronous mode
SCK1, SCK5
I/O
Input/output pins for the clock.
RXD1, RXD5
Input
Input pins for receiving data.
TXD1, TXD5
Output
Output pins for transmitting data.
CTS1#, CTS5#
Input
Input pins for controlling the start of transmission and reception.
RTS1#, RTS5#
Output
Output pins for controlling the start of transmission and reception.


Similar Part No. - PLQP0064GA-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PLQP0064GA-A RENESAS-PLQP0064GA-A Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
PLQP0064GA-A RENESAS-PLQP0064GA-A Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PLQP0064GA-A RENESAS-PLQP0064GA-A Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
More results

Similar Description - PLQP0064GA-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
logo
NXP Semiconductors
LPC11C00 NXP-LPC11C00 Datasheet
290Kb / 2P
   NXP 50-MHz, 32-bit Cortex-M0??MCUs
January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com