Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZV950V2 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part No. ZV950V2
Description  SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

ZV950V2 Datasheet(HTML) 4 Page - Zetex Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ORDER CODES AND PART MARKING
FSD273 is a band selected version of the ZMDC953. Product is supplied in reels containing a
single capacitance band. Shipments of several reels may contain reels of different bands. It is
not possible for customers to specify a particular band, because availability is process depend-
ent.
950 series
ISSUE 2 - MAY 2002
4
SOT323
SOD523
ORDER CODE
PART
MARK
ORDER CODE
PART
MARK
ZV950V2TA
50
ZV952V2TA
52
ZV953V2TA
53
ZMDC953TA
54
FSD273TA
55
Band A
FSD273TA
56
Band B
FSD273TA
57
Band C
REEL CODE
REEL SIZE
TAPE WIDTH
QUANTITY PER REEL
TA
7 inch (180mm)
8mm
3000
TAPE AND REEL INFORMATION


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn