Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZV950V2 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part No. ZV950V2
Description  SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

ZV950V2 Datasheet(HTML) 3 Page - Zetex Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
950 series
ISSUE 2 - MAY 2002
3
0.1
1
10
1
10
100
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
012
3456
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
012
3456
0
200
400
600
800
1000
024
68
10
12
1
10
100
1000
ZV953V2
ZMDC953
ZV952V2
Capacitance v Reverse Voltage
T
j
= 25°C
f= 1MHz
ZV950V2
V
R Reverse Voltage (V)
ZMDC953
ZV952V2
ZV950V2
Series Resistance v Frequency
T
j
= 25°C
ZV953V2
Frequency (MHz)
T
j
= -15°C
T
j
= -55°C
T
j
= 85°C
Normalised Capacitance v Voltage
T
j
= 55°C
T
j
= 25°C
V
R Reverse Voltage (V)
C
J
Temperature Coefficient v V
R
T
j
= -55°C to +85°C
f= 1MHz
V
R Reverse Voltage (V)
+85°C
+55°C
+25°C
Leakage v Reverse Voltage
V
R Reverse Voltage (V)
TYPICAL CHARACTERISTICS


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn