Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR-T7295IW Datasheet(PDF) 9 Page - Exar Corporation

Part # XR-T7295IW
Description  DS3/Sonet STS-1 Integrated Line Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-T7295IW Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR-T7295IW Datasheet HTML 5Page - Exar Corporation XR-T7295IW Datasheet HTML 6Page - Exar Corporation XR-T7295IW Datasheet HTML 7Page - Exar Corporation XR-T7295IW Datasheet HTML 8Page - Exar Corporation XR-T7295IW Datasheet HTML 9Page - Exar Corporation XR-T7295IW Datasheet HTML 10Page - Exar Corporation XR-T7295IW Datasheet HTML 11Page - Exar Corporation XR-T7295IW Datasheet HTML 12Page - Exar Corporation XR-T7295IW Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
XR-T7295
9
Rev. 1.05
STS-1 SIGNAL REQUIREMENTS AT THE STSX
For STS-1 operation, the cross-connect is referred at the
STSX-1.
Table 5 lists the signal requirements at the
STSX-1. Instead of the DS3 isolated pulse template, an
eye diagram mask is specified for STS-1 operation
(TA-TSY-000253). The XR-T7295 correctly decodes any
transmitted signal that meets the mask shown in
Figure 6
at the STSX-1.
Parameter
Specification
Line Rate
51.84 Mbps
Line Code
Bipolar with three-0 substitution (B3ZS)
Test Load
75
Ω$5%
Power Levels
A wide-band power level measurement
at the STSX-1 interface using a low-pass
filter with a 3dB cutoff frequency of at
least 200MHz is within -2.7 dBm and 4.7
dBm.
Table 5. STSX-1 Interconnection Specification
Figure 6. STSX-1 Isolated Pulse Template for Bellcore TA-TSY-000253
1.0
0.8
0.6
0.4
0.2
0
-1.0
-0.5
0
0.5
1.0
1.5
2.0
Time Slots - Normalized To Peak Location
LINE TERMINATION AND INPUT CAPACITANCE
The recommended receive termination is shown in
Figure 3 The 75
Ω resistor terminates the coaxial cable
with its characteristic impedance. The 0.01
µF capacitor
to RIN couples the signal into the receive input without
disturbing the internally generated DC bias level present
on RIN. The input capacitance at the RIN pin is 2.8pF
typical (SOJ package) and 3.6pF typical (DIP package).
LOSS LIMITS FROM THE DSX-3 TO THE RECEIVE
INPUT
The signal at the cross-connect may travel through a
distribution frame, coaxial cable, connector, splitters, and
back planes before reaching the XR-T7295 device. This
section defines the maximum distribution frame and cable
loss from the cross-connect to the XR-T7295 input.
The distribution frame jack may introduce 0.6
$0.55 dB
of loss. This loss may be any combination of flat or
shaped (cable) loss.
The maximum cable distance between the point where
the transmitted signal exits the distribution frame jack and
the XR-T7295 device is 450 ft. (see
Figure 2.)
The
coaxial cable (Type 728A) used for specifying this
distance limitation has the loss and phase characteristics
shown in
Figure 7 and Figure 8. Other cable types also
may be acceptable if distances are scaled to maintain
cable loss equivalent to Type 728A cable loss.
TIMING RECOVERY
External Loop Filter Capacitor
Figure 3 shows the connection to an external 0.1
µF
capacitor at the LPF1/LPF2 pins. This capacitor is part of
the PLL filter. A non-polarized, low-leakage capacitor
should be used. A ceramic capacitor with the value 0.1
µF
$ 20% is acceptable.


Similar Part No. - XR-T7295IW

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T7295E EXAR-XR-T7295E Datasheet
1Mb / 16P
   INTEGRATED LINE RECEIVER
XR-T7295E-1EIP EXAR-XR-T7295E-1EIP Datasheet
1Mb / 16P
   INTEGRATED LINE RECEIVER
XR-T7295E-1EIW EXAR-XR-T7295E-1EIW Datasheet
1Mb / 16P
   INTEGRATED LINE RECEIVER
More results

Similar Description - XR-T7295IW

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7295AE EXAR-XRT7295AE Datasheet
1Mb / 18P
   DS3/Sonet STS-1 Integrated Line Receiver
XRT7295AT EXAR-XRT7295AT Datasheet
1Mb / 18P
   DS3/Sonet STS-1 Integrated Line Receiver
XRT7295AT EXAR-XRT7295AT_10 Datasheet
123Kb / 2P
   DS3 SONET STS1 Integrated Line Receiver
logo
Asahi Kasei Microsystem...
AK2500B AKM-AK2500B Datasheet
78Kb / 17P
   DS3/STS-1 Analog Line Receiver
logo
Exar Corporation
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XR-T7296 EXAR-XR-T7296 Datasheet
173Kb / 16P
   DS3/STS-1, E3 Integrated Line Transmitter
XRT7298 EXAR-XRT7298 Datasheet
582Kb / 16P
   DS3/STS-1, E3 INTEGRATED LINE TRANSMITTER
XRT75L00D EXAR-XRT75L00D Datasheet
894Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75VL00D EXAR-XRT75VL00D Datasheet
836Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT7296 EXAR-XRT7296_10 Datasheet
124Kb / 2P
   XRT7296 DS3 STS-1 E3 Integrated Line Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com