Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD9827ACU Datasheet(PDF) 4 Page - Exar Corporation

Part # XRD9827ACU
Description  12-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD9827ACU Datasheet(HTML) 4 Page - Exar Corporation

  XRD9827ACU Datasheet HTML 1Page - Exar Corporation XRD9827ACU Datasheet HTML 2Page - Exar Corporation XRD9827ACU Datasheet HTML 3Page - Exar Corporation XRD9827ACU Datasheet HTML 4Page - Exar Corporation XRD9827ACU Datasheet HTML 5Page - Exar Corporation XRD9827ACU Datasheet HTML 6Page - Exar Corporation XRD9827ACU Datasheet HTML 7Page - Exar Corporation XRD9827ACU Datasheet HTML 8Page - Exar Corporation XRD9827ACU Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
XRD9827
4
Rev. 1.20
ELECTRICAL CHARACTERISTICS
Test Conditions: AV
DD=DVDD=5V, ADCCLK=6MHz, 50% Duty Cycle, TA=25°C unless otherwise specified.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
Power Supplies
AV
DD
Analog Power Supply
3.0
3.3
5.5
V
(Note 2)
DV
DD
Digital I/O Power Supply
3.0
3.3
5.5
V
DV
DD < AVDD
I
DD
Supply Current
25
40
60
mA
V
DD=5V
IDD
PD
Power Down Power Supply Current
50
µAV
DD=5V
ADC Specifications
RES
Resolution
12
Bits
F
s
Maximum Sampling Rate
12
MSPS
DNL
Differential Non-Linearity
±0.5
LSB
INL
Integral Non-Linearity
±1.0
LSB
MON
Monotonicity
Yes
V
RT
Top Reference Voltage
3.50
3.70
3.90
V
V
RB
Bottom Reference Voltage
AV
DD/10
V
DV
REF
Differential Reference Voltage
0.3
0.67AV
DD
V
(V
RT - VRB)
R
L
Ladder Resistance
300
600
780
PGA & Offset DAC Specifications
PGARES
PGA Resolution
6
Bits
PGAG
MIN
Minimum Gain
0.950
1.0
1.050
V/V
PGAG
MAX
Maximum Gain
9.5
10.0
10.50
V/V
PGAGD
Gain Adjustment Step Size
0.14
V/V
V
BLACK
Black Level Input Range
-100
500
mV
DC Configuration
DACRES
Offset DAC Resolution
8
Bits
OFF
MIN
Minimum Offset Adjustment
-250
-200
-150
mV
Mode 111, D5=0 (Note 1)
OFF
MAX
Maximum Offset Adjustment
+500
+600
+700
mV
Mode 111, D5=0
OFF
MIN
Minimum Offset Adjustment
-450
-400
-350
mV
Mode 111, D5=1 (Note 1)
OFF
MAX
Maximum Offset Adjustment
+350
+400
+450
mV
Mode 111, D5=1
OFF
Offset Adjustment Step Size
3.14
mV
Note 1:
The additional ±100 mV of adjustment with respect to the black level input range is needed to compensate
for any additional offset introduced by the XRD9827 Buffer/PGA internally.
Note 2:
It is not recommended to operate the part between 3.6V and 4.4V.


Similar Part No. - XRD9827ACU

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD9820 EXAR-XRD9820 Datasheet
1Mb / 24P
   3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
XRD9822 EXAR-XRD9822 Datasheet
1Mb / 24P
   3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
XRD9824 EXAR-XRD9824 Datasheet
265Kb / 32P
   14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9824ACD EXAR-XRD9824ACD Datasheet
265Kb / 32P
   14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9824ACU EXAR-XRD9824ACU Datasheet
265Kb / 32P
   14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
More results

Similar Description - XRD9827ACU

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD9829 EXAR-XRD9829 Datasheet
1Mb / 20P
   10-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9826 EXAR-XRD9826 Datasheet
273Kb / 33P
   16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9824 EXAR-XRD9824 Datasheet
265Kb / 32P
   14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9825 EXAR-XRD9825 Datasheet
290Kb / 33P
   16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD98L23 EXAR-XRD98L23 Datasheet
452Kb / 32P
   8-Bit, High-speed Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9828 EXAR-XRD9828 Datasheet
148Kb / 2P
   10-Bit Linear CIS/CCD Sensor Signal Processor with Parallel Interface
logo
Burr-Brown (TI)
VSP3000 BURR-BROWN-VSP3000 Datasheet
145Kb / 13P
   12-Bit, 6MHz CCD/CIS SIGNAL PROCESSOR
VSP3010 BURR-BROWN-VSP3010 Datasheet
199Kb / 16P
   12-Bit, 12MHz CCD/CIS SIGNAL PROCESSOR
logo
Exar Corporation
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
   3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
logo
Analog Devices
AD9814S AD-AD9814S Datasheet
121Kb / 7P
   14-Bit CCD/CIS Signal Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com