Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F563TBBGFP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R5F563TBBGFP
Description  100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
Download  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563TBBGFP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R5F563TBBGFP Datasheet HTML 5Page - Renesas Technology Corp R5F563TBBGFP Datasheet HTML 6Page - Renesas Technology Corp R5F563TBBGFP Datasheet HTML 7Page - Renesas Technology Corp R5F563TBBGFP Datasheet HTML 8Page - Renesas Technology Corp R5F563TBBGFP Datasheet HTML 9Page - Renesas Technology Corp R5F563TBBGFP Datasheet HTML 10Page - Renesas Technology Corp R5F563TBBGFP Datasheet HTML 11Page - Renesas Technology Corp R5F563TBBGFP Datasheet HTML 12Page - Renesas Technology Corp R5F563TBBGFP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 186 page
background image
R01DS0087EJ0220 Rev.2.20
Page 9 of 186
Mar 31, 2016
RX63T Group
1. Overview
Note 1. For the MTU3 and GPT, the number of pins will differ with the package. See the list of pins and pin functions for details.
In addition, the CAN module is an optional function. For details, see Table 1.3.
Note 2. Not provided for the product ID code O.
Table 1.2
Comparison of Functions for Different Packages
Functions
RX63T Group
Package
144 Pins
120 Pins
112 Pins
100 Pins
64 Pins
48 Pins
External bus
16 bits
External address space
1 Mbyte × 4 areas
DMA
DMA controller (DMACA)
Ch. 0 to 3
Data transfer controller (DTCa)
Supported
Interrupt
controller (ICUb)
NMI pin
Supported
IRQ pin
Supported (x 8)
Supported (x 6)
Timers
Multi-function timer pulse unit 3
(MTU3)*1
Ch. 0 to 7
General
PWM timer
(GPT)*1
Generation of
delays in PWM,
not supported
Ch. 0 to 7
Ch. 0 to 3
Generation of
delays in PWM,
supported
Ch. 0 to 3
Port output enable 3 (POE3)
Supported (POE pins × 6)
Supported
(POE pins
× 5)
Supported
(POE pins × 4)
Compare match timer (CMT)
Ch. 0 to 3
Watchdog timer (WDTA)
Supported
Independent watchdog timer
(IWDTa)
Supported
Communication
function
USB2.0 host/function module
(USBa)
Ch. 0
Serial communications
interfaces (SClc)
Ch. 0 to 3
Ch. 0 to 2
Ch. 0, 1
Serial communications
interfaces (SCld)
Ch. 12
I2C bus interfaces (RIIC)
Ch. 0, 1
Ch. 0
Serial peripheral interfaces
(RSPI)
Ch. 0, 1
Ch. 0
CAN module (CAN)
(as an optional function)*1
Ch. 0
12-bit A/D converter (S12ADB)
4 channels × 2 units
8 channels
× 1 unit
(AN000 to
007)
8 channels
× 1 unit
(AN000 to
004, 007)
Three-channel simultaneous
sampling function
2 units
1 unit
Programmable gain amplifier
3 channels × 2 units
Window comparator
3 channels × 2 units
3 channels × 1 unit
10-bit A/D converter (ADA)
20
channels
12 channels
D/A converter (DAa)
Ch. 0, 1
Clock Frequency Accuracy Measurement Circuit
Supported
Digital power supply controller (DPC)*2
Supported
Not supported


Similar Part No. - R5F563TBBGFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F563TBBDFP RENESAS-R5F563TBBDFP Datasheet
669Kb / 16P
   MPU/MCU
More results

Similar Description - R5F563TBBGFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX72M RENESAS-RX72M Datasheet
1Mb / 158P
   240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
RX72N RENESAS-RX72N Datasheet
2Mb / 179P
   240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
Rev.1.11 Feb 26, 2021
RX66N RENESAS-RX66N Datasheet
1Mb / 175P
   120-MHz 32-bit RX MCU, on-chip double-precision FPU, 698 CoreMark
Feb 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com