Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT56L22 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT56L22
Description  Low Power Repeater/Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT56L22 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT56L22 Datasheet HTML 3Page - Exar Corporation XRT56L22 Datasheet HTML 4Page - Exar Corporation XRT56L22 Datasheet HTML 5Page - Exar Corporation XRT56L22 Datasheet HTML 6Page - Exar Corporation XRT56L22 Datasheet HTML 7Page - Exar Corporation XRT56L22 Datasheet HTML 8Page - Exar Corporation XRT56L22 Datasheet HTML 9Page - Exar Corporation XRT56L22 Datasheet HTML 10Page - Exar Corporation XRT56L22 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
XR-T56L22
7
Rev. 1.02
Figure 2. Supply Current Variation
with VCC (Regulator Inhibited)
Figure 3. Clock Drive Current Against Preamp Output Voltage
Typical ICC Vs. VCC
Variation at T=25
°C
(Clock, Data Outputs
(VIN=6V p-p (@2.04MBPS)
+ ALBO all Operating)
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
6.4
6.6
6.8
7.0
7.2
7.4
7.6
7.8
VCC in Volts
Max Clock Drive
Current = 100
mA
@ Albo Thresholds
50% CLK Drive Max
1.8
1.6
1.4
1.2
1.0
.8
.6
.4
.2
0
1.8 1.6 1.4 1.2 1.0
.8
.6
.4
.2
10
20
30
40
50
60
70
80
90
100
110
120
VALBOTHLD = 1.44 CLK
VCLKTHLD = 1.02v
VPREAMP OUT (V)
CLK
THLD(+)
ALBO
THLD(+)


Similar Part No. - XRT56L22

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT56L85 EXAR-XRT56L85 Datasheet
261Kb / 12P
   Low Power PCM Line Interface
XRT56L85D EXAR-XRT56L85D Datasheet
261Kb / 12P
   Low Power PCM Line Interface
XRT56L85P EXAR-XRT56L85P Datasheet
261Kb / 12P
   Low Power PCM Line Interface
More results

Similar Description - XRT56L22

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-A102 KYL-KYL-A102 Datasheet
249Kb / 1P
   Low Power ConsumptionASK Receiver
logo
Samsung semiconductor
S5T3170 SAMSUNG-S5T3170 Datasheet
140Kb / 10P
   LOW POWER DTMF RECEIVER
KT3170 SAMSUNG-KT3170 Datasheet
117Kb / 7P
   LOW POWER DTMF RECEIVER
logo
Pepperl+Fuchs Inc.
KLD2-PR-EX1.IEC1 PF-KLD2-PR-EX1.IEC1 Datasheet
1Mb / 6P
   Fieldbus Power Repeater
2021-01-12
KLD2-PR-EX1.IEC PF-KLD2-PR-EX1.IEC Datasheet
1Mb / 5P
   Fieldbus Power Repeater
KLD2-PR-1.IEC PF-KLD2-PR-1.IEC Datasheet
844Kb / 4P
   Fieldbus Power Repeater
logo
Texas Instruments
DS280BR810 TI1-DS280BR810 Datasheet
890Kb / 11P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
logo
NXP Semiconductors
PCA9509P NXP-PCA9509P Datasheet
1Mb / 23P
   Low power level translating I2C-bus/SMBus repeater
Rev. 1-14 August 2012
logo
Texas Instruments
DS280BR820 TI1-DS280BR820 Datasheet
633Kb / 8P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS280MB810 TI1-DS280MB810 Datasheet
880Kb / 13P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com