Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F56517FDLJ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F56517FDLJ
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
Download  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56517FDLJ Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F56517FDLJ Datasheet HTML 1Page - Renesas Technology Corp R5F56517FDLJ Datasheet HTML 2Page - Renesas Technology Corp R5F56517FDLJ Datasheet HTML 3Page - Renesas Technology Corp R5F56517FDLJ Datasheet HTML 4Page - Renesas Technology Corp R5F56517FDLJ Datasheet HTML 5Page - Renesas Technology Corp R5F56517FDLJ Datasheet HTML 6Page - Renesas Technology Corp R5F56517FDLJ Datasheet HTML 7Page - Renesas Technology Corp R5F56517FDLJ Datasheet HTML 8Page - Renesas Technology Corp R5F56517FDLJ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 190 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0100 Rev.1.00
Page 4 of 190
Aug 24, 2016
Interrupt
Interrupt controller
(ICUB)
 Peripheral function interrupts: 243 sources
 External interrupts: 16 (pins IRQ0 to IRQ15)
 Software interrupts: 2 sources
 Non-maskable interrupts: 7 sources
 Sixteen levels specifiable for the order of priority
 Method of interrupt source selection:
The interrupt vectors consist of 256 vectors (128 sources are fixed. The remaining 128
vectors are selected from among the other 112 sources.)
External bus extension
 The external address space can be divided into eight areas (CS0 to CS7), each with
independent control of access settings.
Capacity of each area: 16 Mbytes (CS0 to CS7)
A chip-select signal (CS0# to CS7#) can be output for each area.
Each area is specifiable as an 8-, or 16-bit bus space.
The data arrangement in each area is selectable as little or big endian (only for data).
 SDRAM interface connectable
 Bus format: Separate bus, multiplex bus
 Wait control
 Write buffer facility
DMA
DMA controller
(DMACAa)
 8 channels
 Three transfer modes: Normal transfer, repeat transfer, and block transfer
 Activation sources: Software trigger, external interrupts, and interrupt requests from
peripheral functions
EXDMA controller
(EXDMACa)
 2 channels
Four transfer modes: Normal transfer, repeat transfer, block transfer, and cluster
transfer
 Single-address transfer enabled with the EDACKn signal
 Activation sources: Software trigger, external DMA requests (EDREQn), and interrupt
requests from peripheral functions
Data transfer controller
(DTCb)
 Three transfer modes: Normal transfer, repeat transfer, and block transfer
 Activation sources: External interrupts and interrupt requests from peripheral functions
 Sequence transfer
I/O ports
Programmable I/O ports
 I/O ports for the 145-pin TFLGA and 144-pin LFQFP
I/O pins: 111
Input pin: 1
Pull-up resistors: 111
Open-drain outputs: 111
5-V tolerance: 18
 I/O ports for the 100-pin TFLGA and 100-pin LFQFP
I/O pins: 78
Input pin: 1
Pull-up resistors: 78
Open-drain outputs: 78
5-V tolerance: 17
Event link controller (ELC)
 Event signals such as interrupt request signals can be interlinked with the operation of
functions such as timer counting, eliminating the need for intervention by the CPU to
control the functions.
 83 internal event signals can be freely combined for interlinked operation with
connected functions.
 Event signals from peripheral modules can be used to change the states of output pins
(of ports B and E).
 Changes in the states of pins (of ports B and E) being used as inputs can be interlinked
with the operation of peripheral modules.
Timers
16-bit timer pulse unit
(TPUa)
 (16 bits × 6 channels) × 1 unit
 Maximum of 16 pulse-input/output possible
 Select from among seven or eight counter-input clock signals for each channel
 Input capture/output compare function
 Output of PWM waveforms in up to 15 phases in PWM mode
 Support for buffered operation, phase-counting mode (two phase encoder input) and
cascade-connected operation (32 bits × 2 channels) depending on the channel.
 PPG output trigger can be generated
 Capable of generating conversion start triggers for the A/D converters
 Digital filtering of signals from the input capture pins
 Event linking by the ELC
Table 1.1
Outline of Specifications (3/8)
Classification
Module/Function
Description


Similar Part No. - R5F56517FDLJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F56517FDLJ RENESAS-R5F56517FDLJ Datasheet
2Mb / 246P
   Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
More results

Similar Description - R5F56517FDLJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
   54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX72M RENESAS-RX72M Datasheet
1Mb / 158P
   240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com