Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F563TBADFA Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F563TBADFA
Description  100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
Download  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563TBADFA Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F563TBADFA Datasheet HTML 1Page - Renesas Technology Corp R5F563TBADFA Datasheet HTML 2Page - Renesas Technology Corp R5F563TBADFA Datasheet HTML 3Page - Renesas Technology Corp R5F563TBADFA Datasheet HTML 4Page - Renesas Technology Corp R5F563TBADFA Datasheet HTML 5Page - Renesas Technology Corp R5F563TBADFA Datasheet HTML 6Page - Renesas Technology Corp R5F563TBADFA Datasheet HTML 7Page - Renesas Technology Corp R5F563TBADFA Datasheet HTML 8Page - Renesas Technology Corp R5F563TBADFA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 186 page
background image
R01DS0087EJ0220 Rev.2.20
Page 3 of 186
Mar 31, 2016
RX63T Group
1. Overview
Clock
Clock generation circuit
 Main clock oscillator, low-speed on-chip oscillator, PLL frequency synthesizer, and
dedicated on-chip oscillator for the IWDT
 Main-clock oscillation stop detection
 Separate frequency-division and multiplication settings for the system clock (ICLK),
peripheral module clock (PCLKA), peripheral module clock (PCLKB), AD clock
(PCLKC), FlashIF clock (FCLK) and S12AD clock (PCLKD).
The CPU and other bus masters run in synchronization with the system clock (ICLK):
Up to 100 MHz
Multi-function timer pulse unit 3 and general PWM timer run in synchronization with
PCLKA: Up to 100 MHz
Peripheral modules run in synchronization with the peripheral module clock (PCLKB):
Up to 50 MHz
Flash IF run in synchronization with the FlashIF clock (FCLK): Up to 50 MHz
Devices connected to the external bus run in synchronization with the external bus
clock (BCLK): Up to 50 MHz
10-bit A/D converter runs in synchronization with the AD clock (PCLKC): Up to 100 MHz
12-bit A/D converter runs in synchronization with the S12AD clock (PCLKD): Up to 50
MHz
Clock
Clock frequency
accuracy measurement
circuit (CAC)
The frequency of the following clocks can be measured; the main clock oscillator, PLL
circuit, and IWDT-dedicated on-chip oscillator.
Reset
RES# pin reset, power-on reset, voltage-monitoring reset, independent watchdog timer
reset, watchdog timer reset, deep software standby reset, and software reset
Voltage detection circuit
When the voltage on VCC passes the voltage detection level (Vdet), an internal reset or
internal interrupt is generated.
Low power
consumption
Low power
consumption facilities
 Module stop function
 Four low power consumption modes
Sleep mode, all-module clock stop mode, software standby mode, and deep software
standby mode
Interrupt
Interrupt controller
(ICUb)
 Peripheral function interrupts: Up to 169 sources
 External interrupts: Up to 8 (pins IRQ0 to IRQ7)
 Software interrupts: One source
 Non-maskable interrupts: 6 sources
 Sixteen levels specifiable for the order of priority
External bus extension
 The external address space can be divided into four areas (CS0 to CS3), each with
independent control of access settings.
Capacity of each area: 1 Mbyte (CS0 to CS3)
A chip-select signal (CS0# to CS3#) can be output for each area.
Each area is specifiable as an 8- or 16-bit bus space
The data arrangement in each area is selectable as little or big endian (only for data).
 Bus format: Separate bus, multiplex bus
 Wait control
 Write buffer facility
DMA
DMA controller
(DMACA)
 4 channels
 Three transfer modes: Normal transfer, repeat transfer, and block transfer
 Activation sources: Software trigger, external interrupts, and interrupt requests from
peripheral functions
Data transfer controller
(DTCa)
 Three transfer modes: Normal transfer, repeat transfer, and block transfer
 Activation sources: Software interrupt activation register settings, external interrupts,
and interrupt requests from peripheral functions
Table 1.1
Outline of Specifications (2/7)
Classification
Module/Function
Description


Similar Part No. - R5F563TBADFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F563TBBDFP RENESAS-R5F563TBBDFP Datasheet
669Kb / 16P
   MPU/MCU
R5F563TBEDFA RENESAS-R5F563TBEDFA Datasheet
669Kb / 16P
   MPU/MCU
R5F563TBEDFB RENESAS-R5F563TBEDFB Datasheet
669Kb / 16P
   MPU/MCU
R5F563TBEDFH RENESAS-R5F563TBEDFH Datasheet
669Kb / 16P
   MPU/MCU
R5F563TBEDFP RENESAS-R5F563TBEDFP Datasheet
669Kb / 16P
   MPU/MCU
More results

Similar Description - R5F563TBADFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX72M RENESAS-RX72M Datasheet
1Mb / 158P
   240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
RX72N RENESAS-RX72N Datasheet
2Mb / 179P
   240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
Rev.1.11 Feb 26, 2021
RX66N RENESAS-RX66N Datasheet
1Mb / 175P
   120-MHz 32-bit RX MCU, on-chip double-precision FPU, 698 CoreMark
Feb 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com