Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9SEFDGM42293-S2-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # L9SEFDGM42293-S2-PF
Description  DUAL COLOR LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L9SEFDGM42293-S2-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  L9SEFDGM42293-S2-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. L9SEFDGM42293-S2-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. L9SEFDGM42293-S2-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. L9SEFDGM42293-S2-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. L9SEFDGM42293-S2-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. L9SEFDGM42293-S2-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. L9SEFDGM42293-S2-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PART NO. L9SEFDGM42293/S2-PF
605
Dominant
wave
length
λDnm
Forward
voltage
@20mA(V)
1.7
Min.
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25
)
Spectral
halfwidth
△λnm
MATERIAL
PART NO
Orange
Green
Emitted
L9SEFDGM42293/S2-PF
AlGaInP
Water Clear
Lens
36
17
COLOR
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@20mA(mcd)
700
Typ.
3.5
Typ.
220
Min.
30
30
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25
Page 2/6
InGaN/GaN
525
9500
4000
-20 ~ +80
Operating Temperature
Storage Temperature
Tstg
-30 ~ +100
500
30
50
120
100
DGM
Reverse Current @5V
Electrostatic Discharge( * )
ESD
2000
Topr
10
Ir
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
120
PD
90
IFP
Ratings
Symbol
Forward Current
Parameter
SEF
50
IF
μA
V
mW
mA
mA
UNIT
Peak
wave
length
λPnm
518
Max.
2.6
4.0
---
---
---


Similar Part No. - L9SEFDGM42293-S2-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L9SEFDBK3392-P2-A LIGITEK-L9SEFDBK3392-P2-A Datasheet
205Kb / 9P
   DURL COLOR LED LAMPS
More results

Similar Description - L9SEFDGM42293-S2-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRF9UG2692-R12-PF LIGITEK-LHRF9UG2692-R12-PF Datasheet
149Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG23092-P1 LIGITEK-LHRF9UG23092-P1 Datasheet
88Kb / 6P
   DUAL COLOR LED LAMPS
LHRF9UG42292-R1-PF LIGITEK-LHRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG42293-S14-PF LIGITEK-LHRF9UG42293-S14-PF Datasheet
113Kb / 7P
   DUAL COLOR LED LAMPS
LHY9UG34063-R1-PF LIGITEK-LHY9UG34063-R1-PF Datasheet
129Kb / 7P
   DUAL COLOR LED LAMPS
LSBKS9UG2093 LIGITEK-LSBKS9UG2093 Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRF9UG42292-R1-PF LIGITEK-LSRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBK2093-R1-PF LIGITEK-LSRFSBK2093-R1-PF Datasheet
161Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBKS3393-R1 LIGITEK-LSRFSBKS3393-R1 Datasheet
122Kb / 7P
   DUAL COLOR LED LAMPS
LSRFVG2092-R1 LIGITEK-LSRFVG2092-R1 Datasheet
110Kb / 6P
   DUAL COLOR LED LAMPS
LSRFVY3392-R1-PF LIGITEK-LSRFVY3392-R1-PF Datasheet
126Kb / 7P
   DUAL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com