Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F523T5ADFM Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F523T5ADFM
Description  40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F523T5ADFM Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F523T5ADFM Datasheet HTML 1Page - Renesas Technology Corp R5F523T5ADFM Datasheet HTML 2Page - Renesas Technology Corp R5F523T5ADFM Datasheet HTML 3Page - Renesas Technology Corp R5F523T5ADFM Datasheet HTML 4Page - Renesas Technology Corp R5F523T5ADFM Datasheet HTML 5Page - Renesas Technology Corp R5F523T5ADFM Datasheet HTML 6Page - Renesas Technology Corp R5F523T5ADFM Datasheet HTML 7Page - Renesas Technology Corp R5F523T5ADFM Datasheet HTML 8Page - Renesas Technology Corp R5F523T5ADFM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 98 page
background image
R01DS0248EJ0110 Rev.1.10
Page 5 of 98
Jan 13, 2016
RX23T Group
1. Overview
Note 1. For multi-function timer pulse unit 3, the number of pins differs depending on the package. For details, see the "List of Pins and
Pin Functions" table for each pin.
Table 1.2
Comparison of Functions for Different Packages
Module/Functions
RX23T Group
48 Pins
52 Pins
64 Pins
Interrupts
External interrupts
NMI, IRQ0 to IRQ5
DTC
Data transfer controller
Available
Timers
Multi-function timer pulse unit 3*1
6 channels
Port output enable 3
POE0# to POE8#, POE10#
8-bit timer
2 channels × 2 units
Compare match timer
2 channels × 2 units
Independent watchdog timer
Available
Communication
functions
Serial communications interfaces (SCIg)
[including simple IIC and simple SPI]
2 channels
(SCI1, 5)
I2C bus interface
1 channel
Serial peripheral interface
1 channel
12-bit A/D converter
(including high-precision channels)
10 channels
(8 channels)
CRC calculator
Available
Packages
48-pin LFQFP
52-pin LQFP
64-pin LFQFP


Similar Part No. - R5F523T5ADFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F52305ADFL RENESAS-R5F52305ADFL Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52305ADFL RENESAS-R5F52305ADFL Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
R5F52305ADFL#30 RENESAS-R5F52305ADFL#30 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52305ADFL30 RENESAS-R5F52305ADFL30 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
R5F52305ADFM RENESAS-R5F52305ADFM Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results

Similar Description - R5F523T5ADFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com