Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F563TEADFB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F563TEADFB
Description  100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
Download  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563TEADFB Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F563TEADFB Datasheet HTML 3Page - Renesas Technology Corp R5F563TEADFB Datasheet HTML 4Page - Renesas Technology Corp R5F563TEADFB Datasheet HTML 5Page - Renesas Technology Corp R5F563TEADFB Datasheet HTML 6Page - Renesas Technology Corp R5F563TEADFB Datasheet HTML 7Page - Renesas Technology Corp R5F563TEADFB Datasheet HTML 8Page - Renesas Technology Corp R5F563TEADFB Datasheet HTML 9Page - Renesas Technology Corp R5F563TEADFB Datasheet HTML 10Page - Renesas Technology Corp R5F563TEADFB Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 186 page
background image
R01DS0087EJ0220 Rev.2.20
Page 7 of 186
Mar 31, 2016
RX63T Group
1. Overview
12-bit A/D converter (S12ADB)
[64- and 48-pin versions]
 12 bits (8 channels x 1 unit)
 12-bit resolution
 Conversion time
1.0 µs per channel (S12ADB clock: PCLKD (A/D conversion clock: ADCLK) = 50 MHz
 Operating modes
Scan mode (single scan mode / continuous scan mode / group scan mode)
Group A priority control (group scan mode only)
 Sample-and-hold function
A common sample-and-hold circuit for units is included
Separate sample-and-hold circuits are also included (three channels per unit)
 Self-diagnosis function
Three analog input voltages (VREFL0, VREFH0 × 1/2, VREFH0) can be generated
internally by the self-diagnosis function.
 Double trigger mode (double the results of A/D conversion)
 Three ways to start A/D conversion
Conversion can be started by software, a conversion start trigger from a timer (MTU3 or
GPT), or an external trigger signal.
 Window comparators (three channels per unit)
10-bit A/D converter (ADA)
10 bits (20 channels × 1 unit)
 10-bit resolution
 Conversion time
0.5 µs per channel (A/D conversion clock ADCLK = 100 MHz)
 Two operating modes
Single mode, scan mode
 Scan mode
Single-cycle scan mode
Continuous scan mode
 Sample-and-hold function
A common sample-and-hold circuit for units is included
 Three ways to start A/D conversion
Conversion can be started by software, a conversion start trigger from a timer (MTU3 or
GPT), or an external trigger signal.
 8-bit precision output
2-bit right shifting for output of conversion results is selectable.
 Self-diagnostic function
The self-diagnostic function internally generates three analog input voltages (AVSS,
VREF x 1/2, VREF)
D/A converter (DAa)
 2 channels
 10-bit resolution
 Output voltage: 0 V to VREF
CRC calculator (CRC)
 CRC code generation for arbitrary amounts of data in 8-bit units
 Select any of three generating polynomials:
X8 + X2 + X + 1, X16 + X15 + X2 + 1, or X16 + X12 + X5 + 1.
 Generation of CRC codes for use with LSB-first or MSB-first communications is
selectable
Data operating circuit (DOC)
 Comparison, addition, and subtraction of 16-bit data
Digital power supply controller (DPC)
 Control parameters calculation unit of the digital switch-mode power supply systems.
 Adopt robust control algorithm with high control stability
 Results of measurement by the 10-bit A/D converter can be used in calculating the
control parameters.
Operating frequency
Up to 100 MHz
Power supply voltage
[144-, 120-, 112- and 100-pin versions]
 3-V product
VCC = PLLVCC = VCC_USB = 2.7 to 3.6 V
AVCC0 = AVCC = VREF = 3.0 to 3.6 V, or 4.0 to 5.5 V
VREFH0 = 3.0 to AVCC0, or 4.0 to AVCC0
 5-V product
VCC = PLLVCC = 4.0 to 5.5 V
VCC_USB = 3.0 to 3.6 V
AVCC0 = AVCC = VREF = 4.0 to 5.5 V
VREFH0 = 4.0 to AVCC0
Power supply voltage
[64- and 48-pin versions]
VCC = 2.7 to 3.6 V, AVCC0 = 3.0 to 3.6 V, VREFH0 = 3.0 V to AVCC0
Table 1.1
Outline of Specifications (6/7)
Classification
Module/Function
Description


Similar Part No. - R5F563TEADFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F563TEAGFA RENESAS-R5F563TEAGFA Datasheet
669Kb / 16P
   MPU/MCU
R5F563TEAGFB RENESAS-R5F563TEAGFB Datasheet
669Kb / 16P
   MPU/MCU
R5F563TEAGFH RENESAS-R5F563TEAGFH Datasheet
669Kb / 16P
   MPU/MCU
R5F563TEAGFP RENESAS-R5F563TEAGFP Datasheet
669Kb / 16P
   MPU/MCU
More results

Similar Description - R5F563TEADFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX72M RENESAS-RX72M Datasheet
1Mb / 158P
   240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
RX72N RENESAS-RX72N Datasheet
2Mb / 179P
   240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
Rev.1.11 Feb 26, 2021
RX66N RENESAS-RX66N Datasheet
1Mb / 175P
   120-MHz 32-bit RX MCU, on-chip double-precision FPU, 698 CoreMark
Feb 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com