Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMLV1616AGSD-5S2 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RMLV1616AGSD-5S2
Description  16Mb Advanced LPSRAM (1M word16bit / 2M word x 8bit)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RMLV1616AGSD-5S2 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RMLV1616AGSD-5S2 Datasheet HTML 4Page - Renesas Technology Corp RMLV1616AGSD-5S2 Datasheet HTML 5Page - Renesas Technology Corp RMLV1616AGSD-5S2 Datasheet HTML 6Page - Renesas Technology Corp RMLV1616AGSD-5S2 Datasheet HTML 7Page - Renesas Technology Corp RMLV1616AGSD-5S2 Datasheet HTML 8Page - Renesas Technology Corp RMLV1616AGSD-5S2 Datasheet HTML 9Page - Renesas Technology Corp RMLV1616AGSD-5S2 Datasheet HTML 10Page - Renesas Technology Corp RMLV1616AGSD-5S2 Datasheet HTML 11Page - Renesas Technology Corp RMLV1616AGSD-5S2 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
RMLV1616A Series
R10DS0258EJ0100 Rev.1.00
Page 8 of 14
2016.01.06
Timing Waveforms
Read Cycle
*19
Note 19. BYTE# pin supported by only 48pin TSOP (I) and 52pin µTSOP (II) types.
BYTE# ≥ Vcc - 0.2V (Word mode) or BYTE# ≤ 0.2V (Byte mode)
20. tCHZ1, tCHZ2, tBHZ and tOHZ are defined as the time when the DQ pins enter a high-impedance state and are not
referred to the DQ levels.
21. This parameter is sampled and not 100% tested.
22. At any given temperature and voltage condition, tCHZ1 max is less than tCLZ1 min, tCHZ2 max is
less than tCLZ2 min, tBHZ max is less than tBLZ min, and tOHZ max is less than tOLZ min, for any device.
tAA
CS1#
tOH
tCLZ1
tACS1
tOE
tOLZ
tCHZ1
OE#
WE#
VIH
tOHZ
WE# = “H” level
tRC
tBLZ
tBHZ
LB#,UB#
tBA
CS2
tACS2
tCLZ2
tCHZ2
High impedance
Valid Data
*21,22
*21,22
*21,22
*21,22
*20,21,22
*20,21,22
*20,21,22
*20,21,22
Valid address
A0~19
A -1~19
(Word Mode)
(Byte Mode)
DQ0~15
DQ0~7
(Word Mode)
(Byte Mode)


Similar Part No. - RMLV1616AGSD-5S2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMLV1616A-U RENESAS-RMLV1616A-U Datasheet
337Kb / 15P
   16Mbit LPSRAM (1M word × 16bit / 2M word x 8bit)
2022.12.05
More results

Similar Description - RMLV1616AGSD-5S2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMLV1616A-U RENESAS-RMLV1616A-U Datasheet
337Kb / 15P
   16Mbit LPSRAM (1M word × 16bit / 2M word x 8bit)
2022.12.05
R1LV0816ASD RENESAS-R1LV0816ASD Datasheet
264Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
RMLV3216A RENESAS-RMLV3216A Datasheet
299Kb / 16P
   32Mb Advanced LPSRAM (2M word × 16bit / 4M word x 8bit)
2018.12.26
R1LV0816ASD-5SI RENESAS-R1LV0816ASD-5SI Datasheet
264Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
R1LV3216R RENESAS-R1LV3216R Datasheet
200Kb / 18P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV0816ASA-5SI RENESAS-R1LV0816ASA-5SI Datasheet
261Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
R1LV0816ASA RENESAS-R1LV0816ASA Datasheet
261Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
R1LV3216RSD-5SIB0 RENESAS-R1LV3216RSD-5SIB0 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216R RENESAS-R1LV3216R_15 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
RMWV3216A RENESAS-RMWV3216A Datasheet
474Kb / 15P
   32Mb Advanced LPSRAM (2M word 횞 16bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com