Electronic Components Datasheet Search |
|
R5F6417KADFD Datasheet(PDF) 2 Page - Renesas Technology Corp |
|
R5F6417KADFD Datasheet(HTML) 2 Page - Renesas Technology Corp |
2 / 118 page R01DS0067EJ0120 Rev.1.20 Page 2 of 113 Dec 10, 2014 R32C/117A Group 1. Overview 1.1.2 Performance Overview Tables 1.1 to 1.4 show the performance overview of the R32C/117A Group. Note: 1. Contact a Renesas Electronics sales office to use the optional features. Table 1.1 Performance Overview for the 176 pin-Package (1/2) Unit Function Explanation CPU Central processing unit R32C/100 Series CPU Core • Basic instructions: 108 • Minimum instruction execution time: 15.625 ns (f(CPU) = 64 MHz) • Multiplier: 32-bit × 32-bit 64-bit • Multiply-accumulate unit: 32-bit × 32-bit + 64-bit 64-bit • IEEE-754 compatible FPU: Single precision • 32-bit barrel shifter • Operating mode: Single-chip mode, memory expansion mode, microprocessor mode (optional (1)) Memory Flash memory: 512 Kbytes to 1 Mbyte RAM: 96 Kbytes Data flash: 4 Kbytes × 2 blocks Refer to Table 1.5 for memory size of each product group Voltage Detector Low voltage detector Optional (1) Low voltage detection interrupt Clock Clock generator • 4 circuits (main clock, sub clock, PLL, on-chip oscillator) • Oscillation stop detector: Main clock oscillator stop/restart detection • Frequency divide circuit: Divide-by-2 to divide-by-24 selectable • Low power modes: Wait mode, stop mode External Bus Expansion Bus and memory expansion • Address space: 4 Gbytes (of which up to 64 Mbytes is user accessible) • External bus Interface: Support for wait-state insertion, 4 chip select outputs • Bus format: Separate bus/Multiplexed bus selectable, data bus width selectable (8/16/32 bits) Interrupts Interrupt vectors: 261 External interrupt inputs: NMI, INT × 9, key input × 4 Interrupt priority levels: 7 Watchdog Timer 15 bits × 1 (selectable input frequency from prescaler output) • Automatic timer start function is available DMA DMAC 4 channels • Cycle-steal transfer mode • Request sources: 61 • 2 transfer modes: Single transfer, repeat transfer DMAC II • Triggered by an interrupt request of any peripheral • 3 characteristic transfer functions: Immediate data transfer, calculation result transfer, chain transfer I/O Ports Programmable I/O ports • 2 input-only ports • 156 CMOS I/O ports • 52 ports are 5 V tolerant • A pull-up resistor is selectable for every 4 input ports (except 5 V tolerant inputs) |
Similar Part No. - R5F6417KADFD |
|
Similar Description - R5F6417KADFD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |