Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F6416KADFE Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F6416KADFE
Description  R32C/100 Series CPU Core
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6416KADFE Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F6416KADFE Datasheet HTML 1Page - Renesas Technology Corp R5F6416KADFE Datasheet HTML 2Page - Renesas Technology Corp R5F6416KADFE Datasheet HTML 3Page - Renesas Technology Corp R5F6416KADFE Datasheet HTML 4Page - Renesas Technology Corp R5F6416KADFE Datasheet HTML 5Page - Renesas Technology Corp R5F6416KADFE Datasheet HTML 6Page - Renesas Technology Corp R5F6416KADFE Datasheet HTML 7Page - Renesas Technology Corp R5F6416KADFE Datasheet HTML 8Page - Renesas Technology Corp R5F6416KADFE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 104 page
background image
R01DS0066EJ0120 Rev.1.20
Page 2 of 99
Dec 10, 2014
R32C/116A Group
1. Overview
1.1.2
Performance Overview
Tables 1.1 to 1.4 show the performance overview of the R32C/116A Group.
Note:
1.
Contact a Renesas Electronics sales office to use the optional features.
Table 1.1
Performance Overview for the 176 pin-Package (1/2)
Unit
Function
Explanation
CPU
Central
processing unit
R32C/100 Series CPU Core
• Basic instructions: 108
• Minimum instruction execution time: 15.625 ns (f(CPU) = 64 MHz)
• Multiplier: 32-bit × 32-bit  64-bit
• Multiply-accumulate unit: 32-bit × 32-bit + 64-bit  64-bit
• IEEE-754 compatible FPU: Single precision
• 32-bit barrel shifter
• Operating mode: Single-chip mode, memory expansion mode,
microprocessor mode (optional (1))
Memory
Flash memory: 512 Kbytes to 1 Mbyte
RAM: 96 Kbytes
Data flash: 4 Kbytes × 2 blocks
Refer to Table 1.5 for memory size of each product group
Voltage
Detector
Low voltage
detector
Optional (1)
Low voltage detection interrupt
Clock
Clock generator
• 4 circuits (main clock, sub clock, PLL, on-chip oscillator)
• Oscillation stop detector: Main clock oscillator stop/restart detection
• Frequency divide circuit: Divide-by-2 to divide-by-24 selectable
• Low power modes: Wait mode, stop mode
External Bus
Expansion
Bus and memory
expansion
• Address space: 4 Gbytes (of which up to 64 Mbytes is user
accessible)
• External bus Interface: Support for wait-state insertion, 4 chip select
outputs
• Bus format: Separate bus/Multiplexed bus selectable, data bus width
selectable (8/16/32 bits)
Interrupts
Interrupt vectors: 261
External interrupt inputs:
NMI, INT × 9, key input × 4
Interrupt priority levels: 7
Watchdog Timer
15 bits × 1 (selectable input frequency from prescaler output)
• Automatic timer start function is available
DMA
DMAC
4 channels
• Cycle-steal transfer mode
• Request sources: 61
• 2 transfer modes: Single transfer, repeat transfer
DMAC II
• Triggered by an interrupt request of any peripheral
• 3 characteristic transfer functions: Immediate data transfer,
calculation result transfer, chain transfer
I/O Ports
Programmable
I/O ports
• 2 input-only ports
• 156 CMOS I/O ports
• 52 ports are 5 V tolerant
• A pull-up resistor is selectable for every 4 input ports (except 5 V
tolerant inputs)


Similar Part No. - R5F6416KADFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F6416KADFE RENESAS-R5F6416KADFE Datasheet
819Kb / 102P
   RENESAS MCU
R5F6416KADFE RENESAS-R5F6416KADFE Datasheet
815Kb / 103P
   RENESAS MCU
More results

Similar Description - R5F6416KADFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R32C-118A RENESAS-R32C-118A Datasheet
940Kb / 132P
   R32C/100 Series CPU Core
R32C-117A RENESAS-R32C-117A Datasheet
880Kb / 118P
   R32C/100 Series CPU Core
logo
Cypress Semiconductor
MB95630H CYPRESS-MB95630H Datasheet
4Mb / 102P
   F2MC-8FX CPU core
MB95F613H CYPRESS-MB95F613H Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95650L CYPRESS-MB95650L Datasheet
11Mb / 105P
   F2MC-8FX CPU core
logo
Renesas Technology Corp
RX24T RENESAS-RX24T Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
logo
NXP Semiconductors
68HC705JB2 NXP-68HC705JB2 Datasheet
1Mb / 128P
   Industry standard M68HC05 CPU core
REV 1.1
logo
Renesas Technology Corp
RX24U RENESAS-RX24U Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
logo
Cypress Semiconductor
S6J3110 CYPRESS-S6J3110 Datasheet
359Kb / 4P
   32bit ARMR CortexR-R5 CPU Core
logo
AAEON Technology
AEC-6646 AAEON-AEC-6646 Datasheet
394Kb / 2P
   Intel짰 Core??i Desktop LGA1155 Socket CPU Support(Maximum 65W CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com