Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC5696 Datasheet(PDF) 3 Page - Texas Instruments

Part No. UCC5696
Description  27 LINE LVD ONLY SCSI TERMINATOR FOR SPI-5
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

UCC5696 Datasheet(HTML) 3 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
UCC5696
SLVS406B – JUNE 2002 – REVISED JUNE 2003
3
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature (unless otherwise noted)
Parameter
UCC5696
UNIT
TERMPWR voltage
6
V
Signal line voltage
0 to 6
V
Package power dissipation
1
W
Operating junction temperature, TJ
–55 to 150
°C
Storage temperature, Tstg
–65 to 150
°C
Lead temperature (soldering, 10 sec.), Tsol
300
°C
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ All voltage are with respect to ground. Currents are positive into, negative out of the specified terminal.
RECOMMENDED OPERATING CONDITIONS
TERMPWR voltage
2.7 V to 5.25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ELECTRICAL CHARACTERISTICS
TA = 0°C to 70°C, TERMPWR = 2.7 V to 5.25 V, (unless otherwise specified, the measurements are specified at the
default impedance and bias current)
TERMPWR supply current
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
TERMPWR supply current
(No load)
65
mA
TERMPWR supply current
Disabled terminator
2.5
mA
TERMPWR voltage
2.7
5.25
V
regulator
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
1.25-V regulator
LVD mode,
0.5 V
≤ VCM ≤ 2.0 V, all lines loaded
1.15
1.25
1.35
V
1.3-V regulator
Differential sense,
–5 mA
≤ IDIFSENS ≤ 50 µA
1.2
1.3
1.4
V
1.25-V regulator source current
LVD mode,
VREG = 0 V
–250
–300
mA
1.25-V regulator sink current
LVD mode,
VREG = 3.3 V
250
300
mA
1.3-V regulator source current
Differential sense,
VDIFSENS = 0 V
–5
–15
mA
1.3-V regulator sink current
Differential sense,
VDIFSENS = 2.75 V
50
200
µA
NOTES:
1. At powerup or after the device comes out of disconnect mode.
2. For SPI-2, SPI-3 and SPI-4.
3. Ensured by design and engineering test, but not production tested.
4. Current is the absolute value of current as some addresses are pulled high, while others are pulled low.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn